Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3819 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3819
Description  SILICON N-CHANNEL JFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3819 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3819 Datasheet HTML 1Page - Central Semiconductor Corp 2N3819 Datasheet HTML 2Page - Central Semiconductor Corp 2N3819 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N3819
SILICON
N-CHANNEL JFET
The CENTRAL SEMICONDUCTOR 2N3819 is a silicon
N-Channel JFET designed for RF amplifier and mixer
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Gate Voltage
VDG
25
V
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
25
V
Continuous Gate Current
IG
10
mA
Power Dissipation
PD
360
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSS
VGS=15V
2.0
nA
IGSS
VGS=15V, TA=100°C
2.0
μA
IDSS
VDS=15V
2.0
20
mA
BVGSS
IG=1.0μA
25
V
VGS(OFF)
VDS=15V, ID=2.0nA
8.0
V
VGS
VDS=15V, ID=200μA
0.5
7.5
V
|Yfs|
VDS=15V, VGS=0, f=1.0MHz
2.0
6.5
mS
|Yfs|
VDS=15V, VGS=0, f=100MHz
1.6
mS
|Yos|
VDS=15V, VGS=0, f=1.0kHz
50
μS
Ciss
VDS=15V, VGS=0, f=1.0MHz
8.0
pF
Crss
VDS=15V, VGS=0, f=1.0MHz
4.0
pF
TO-92 CASE
R1 (9-January 2014)
www.centr a lsemi.com


Similar Part No. - 2N3819

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3819 PHILIPS-2N3819 Datasheet
65Kb / 4P
   N-channel J-FET
October 1990
logo
Fairchild Semiconductor
2N3819 FAIRCHILD-2N3819 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
ON Semiconductor
2N3819 ONSEMI-2N3819 Datasheet
176Kb / 8P
   JEET VHF/UHF Amplifier N-channel-Depletion
March, 2002 ??Rev. 0
logo
Vishay Siliconix
2N3819 VISHAY-2N3819 Datasheet
46Kb / 5P
   N-Channel JFET
Rev. D ,04-Jun-01
logo
List of Unclassifed Man...
2N3819 ETC1-2N3819 Datasheet
39Kb / 1P
   N-Channel JFETs
More results

Similar Description - 2N3819

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4391 CENTRAL-2N4391 Datasheet
536Kb / 2P
   N-CHANNEL SILICON JFET
2N4857 CENTRAL-2N4857 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391_15 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
2N5484 CENTRAL-2N5484 Datasheet
329Kb / 2P
   SILICON N-CHANNEL JFET
2N4859 CENTRAL-2N4859 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
2N4856 CENTRAL-2N4856 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
2N4858 CENTRAL-2N4858_15 Datasheet
528Kb / 2P
   N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
logo
New Jersey Semi-Conduct...
2N5395 NJSEMI-2N5395 Datasheet
78Kb / 1P
   N-CHANNEL SILICON JFET
logo
Central Semiconductor C...
2N4858 CENTRAL-2N4858 Datasheet
528Kb / 2P
   N-CHANNEL SILICON JFET
CMPF4416A CENTRAL-CMPF4416A Datasheet
77Kb / 2P
   SILICON N-CHANNEL JFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com