Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKIN2-390X-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # EKIN2-390X-2
Description  E-Series I/Q Modulator 380 - 400 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EKIN2-390X-2 Datasheet(HTML) 2 Page - Tyco Electronics

  EKIN2-390X-2 Datasheet HTML 1Page - Tyco Electronics EKIN2-390X-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-Series I/Q Modulator — 380 - 400 MHz
EKIN2-390X-2
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111
8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S 1408 C
Operating Characteristics
Impedance
50 Ohms Nominal
Parameter
Absolute Maximum
Operating Temperature
-10°C to +70°C
Storage Temperature
-55°C to +100°C
Pin Temperature (10 Sec)
260°C
Functional Configuration
Function
Pin No.
LO
1
RF
8
I
5
Q
6
External 50 Ohms
Case Ground
2,3,4,7
Not Connected
Typical Performance @ +25°C


Similar Part No. - EKIN2-390X-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
EKIN2-390X-2 MA-COM-EKIN2-390X-2 Datasheet
190Kb / 2P
   E-Series I/Q Modulator 380 - 400 MHz
More results

Similar Description - EKIN2-390X-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
EKIN2-390X-2 MA-COM-EKIN2-390X-2 Datasheet
190Kb / 2P
   E-Series I/Q Modulator 380 - 400 MHz
logo
Tyco Electronics
EKIN2-390DX1 MACOM-EKIN2-390DX1 Datasheet
220Kb / 2P
   E-Series I/Q Demodulator 380 - 400 MHz
logo
M/A-COM Technology Solu...
MAMO-008665-ES0018 MA-COM-MAMO-008665-ES0018 Datasheet
129Kb / 2P
   E-Series I/Q Modulator E-Series I/Q Modulator
logo
Tyco Electronics
EKIN2-70 MACOM-EKIN2-70 Datasheet
239Kb / 2P
   E-Series I/Q Modulator 70 MHz
EKIN2-150H MACOM-EKIN2-150H Datasheet
130Kb / 2P
   E-Series I/Q Modulator 149.95 MHz
logo
M/A-COM Technology Solu...
MAMO-008774-ES0019 MA-COM-MAMO-008774-ES0019 Datasheet
128Kb / 2P
   E-Series I/Q Modulator 150 MHz
MAMO-007252-IN2960 MA-COM-MAMO-007252-IN2960 Datasheet
61Kb / 2P
   E-Series I/Q Modulator
logo
Tyco Electronics
EKIN2-220 MACOM-EKIN2-220 Datasheet
211Kb / 2P
   E-Series I/Q Modulator 215 - 225 MHz
EKIN2-960 MACOM-EKIN2-960 Datasheet
218Kb / 2P
   E-Series I/Q Modulator 925 - 960 MHz
logo
M/A-COM Technology Solu...
EKIN2-960 MA-COM-EKIN2-960 Datasheet
59Kb / 2P
   E-Series I/Q Modulator 935.2 - 959.8 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com