Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3857 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3857
Description  DUAL CHANNEL LNA WITH BYPASS MODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3857 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3857 Datasheet HTML 1Page - RF Micro Devices RF3857 Datasheet HTML 2Page - RF Micro Devices RF3857 Datasheet HTML 3Page - RF Micro Devices RF3857 Datasheet HTML 4Page - RF Micro Devices RF3857 Datasheet HTML 5Page - RF Micro Devices RF3857 Datasheet HTML 6Page - RF Micro Devices RF3857 Datasheet HTML 7Page - RF Micro Devices RF3857 Datasheet HTML 8Page - RF Micro Devices RF3857 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF3857
DS110616
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
WiMAX Low Noise Amplifier,
cont.
Noise Figure
1.2
1.7
2.0
dB
Over full temp range, frequency range, and pro-
cess.
IIP3
9
dBm
Total Current Drain (per channel)
8.5
10
mA
Total current drain includes ICC+IREF.
VCC=3.3V, VREF=3.3V, Gain select<1.8V.
BYPASS MODE
Gain Select>1.8V, VREF=0V
Gain
-3
dB
Note: Bypass mode insertion loss will degrade
gradually as VCC goes below 2.7V.
Input IP3
20
dBm
Total Current Drain (per channel)
2
mA
Total current drain includes ICC+IREF
Power Supply
Voltage (VCC)
1.8
3.0
5.0
V
See bias note
VSELECT Low
0.8
V
High Gain mode.
Gain Select<0.8V, VREF=3.3V
VSELECT High
1.8
V
Low Gain mode.
Gain Select>1.8V, VREF=0V
Power Down per RX Path
0
10
AGain Select<0.8V, VREF=0V, VCC=3.3V (Over
full temp range, frequency, and beta)
VREF1 or VREF 2 Turn On/Off
100
<150
nSec
For faster turn on and off time C1 and C2
should be changed from 22nF to a value
between 10pF to 100pF
Gain Select 1 or 2 Turn On/Off
100
<150
nSec
For faster turn on and off time C1 and C2
should be changed from 22nF to a value
between 3.0pF to 100pF
Bias note: Due to the presence of ESD protection circuitry on the RF3857, the maximum allowable collector bias voltage (pin 4) is 4.0V. Higher
supply voltages such as 5V are permissible if a series resistor is used to drop VCC to <4.0V for a given ICC.


Similar Part No. - RF3857

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3854 RFMD-RF3854 Datasheet
525Kb / 26P
   LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3854PCBA-41X RFMD-RF3854PCBA-41X Datasheet
525Kb / 26P
   LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3855 RFMD-RF3855 Datasheet
174Kb / 6P
   3.1V LINEAR POWER AMPLIFIER
RF3858 RFMD-RF3858 Datasheet
878Kb / 11P
   3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RF3858PCK-410 RFMD-RF3858PCK-410 Datasheet
878Kb / 11P
   3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
More results

Similar Description - RF3857

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMF-010614 MA-COM-MAMF-010614 Datasheet
461Kb / 9P
   Integrated SPDT Switch and LNA with Bypass Mode
MAMF-010614 MA-COM-MAMF-010614_15 Datasheet
461Kb / 9P
   Integrated SPDT Switch and LNA with Bypass Mode
logo
Guerrilla RF, Inc.
GRF4142 GUERRILLA-GRF4142 Datasheet
1Mb / 23P
   LNA/Driver with Bypass 0.1 to 6 GHz
April 18, 2023
logo
TriQuint Semiconductor
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
logo
TriQuint Semiconductor
QPL9095 TRIQUINT-QPL9095 Datasheet
837Kb / 8P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9098 QORVO-QPL9098 Datasheet
2Mb / 17P
   Ultra-Low Noise, Bypass LNA
July 25, 2020
logo
TriQuint Semiconductor
QPL9096 TRIQUINT-QPL9096 Datasheet
956Kb / 10P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
TQL9063 QORVO-TQL9063 Datasheet
668Kb / 12P
   Ultra Low-Noise, Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com