Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELCM-1MH Datasheet(PDF) 2 Page - Tyco Electronics

Part # ELCM-1MH
Description  E-Series Surface Mount Mixer 2 - 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ELCM-1MH Datasheet(HTML) 2 Page - Tyco Electronics

  ELCM-1MH Datasheet HTML 1Page - Tyco Electronics ELCM-1MH Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-Series Surface Mount Mixer — 2 - 500 MHz
ELCM-1MH
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V1.00
S 1456 A
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Storage Temperature
-55°C to +100°C
Operating Temperature
-55°C to +100°C
Pin Temperature (10 Seconds)
260°C
Functional Configuration
Function
Pin No.
LO
1
RF
4
IF
5
Ground
2, 3, 6
Case Ground
Unconnected
Typical Performance @ +25°C
Conversion Loss
L-R Isolation
L-I Isolation
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
10
108
206
304
402
500
Frequency (MHz)
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1
101
201
300
400
500
Frequency (MHz)
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1
101
201
300
400
500
Frequency (MHz)


Similar Part No. - ELCM-1MH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELCM-1MH MACOM-ELCM-1MH Datasheet
129Kb / 2P
   E-Series Surface Mount Mixer 2-500MHz
logo
M/A-COM Technology Solu...
ELCM-1MH MA-COM-ELCM-1MH Datasheet
163Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
logo
Tyco Electronics
ELCM-1MHTR MACOM-ELCM-1MHTR Datasheet
129Kb / 2P
   E-Series Surface Mount Mixer 2-500MHz
ELCM-1MH MACOM-ELCM-1MH_1 Datasheet
129Kb / 2P
   E-Series Surface Mount Mixer 2-500MHz
More results

Similar Description - ELCM-1MH

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH Datasheet
137Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
ELCM-1MH MA-COM-ELCM-1MH Datasheet
163Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
logo
Tyco Electronics
EMRS-1MHX2 MACOM-EMRS-1MHX2 Datasheet
100Kb / 1P
   2 - 500 MHz E-Series Surface Mount Mixer
MAMX-007674-LCM1MH MACOM-MAMX-007674-LCM1MH Datasheet
127Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
EMRS-1LH MACOM-EMRS-1LH Datasheet
60Kb / 1P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
ELCM-1 MACOM-ELCM-1 Datasheet
199Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
logo
M/A-COM Technology Solu...
MAMX-007607-ELCM1H MA-COM-MAMX-007607-ELCM1H Datasheet
136Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
logo
Tyco Electronics
ELCM-1H MACOM-ELCM-1H Datasheet
212Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
MAMXES0022 MACOM-MAMXES0022 Datasheet
51Kb / 2P
   E-Series Surface Mount Mixer 0.5 . 500 MHz
logo
M/A-COM Technology Solu...
ELCM-1H MA-COM-ELCM-1H Datasheet
162Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com