Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5457 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N5457
Description  SILICON N-CHANNEL JFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N5457 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N5457_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N5457_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N5457
2N5458
2N5459
SILICON
N-CHANNEL JFETS
The CENTRAL SEMICONDUCTOR 2N5457, 2N5458,
and 2N5459 are silicon N-Channel JFETs designed for
switching and amplifier applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
25
V
Drain-Gate Voltage
VDG
25
V
Gate-Source Voltage
VGS
25
V
Continuous Gate Current
IG
10
mA
Power Dissipation
PD
310
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N5457
2N5458
2N5459
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
IGSS
VGS=15V
-
1.0
-
1.0
-
1.0
nA
IGSS
VGS=15V, TA=100°C
-
200
-
200
-
200
nA
IDSS
VDS=15V
1.0
5.0
2.0
9.0
4.0
16
mA
BVGSS
IG=10μA
25
-
25
-
25
-
V
VGS(OFF)
VDS=15V, ID=10nA
0.5
6.0
1.0
7.0
2.0
8.0
V
Crss
VDS=15V, VGS=0, f=1.0MHz
-
3.0
-
3.0
-
3.0
pF
Ciss
VDS=15V, VGS=0, f=1.0MHz
-
7.0
-
7.0
-
7.0
pF
gfs
VDS=15V, VGS=0, f=1.0kHz
1.0K
5.0K
1.5K
5.5K
2.0K
6.0K
μS
gos
VDS=15V, VGS=0, f=1.0kHz
-
50
-
50
-
50
μS
TO-92 CASE
R1 (6-March 2014)
www.centr a lsemi.com


Similar Part No. - 2N5457_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5457 FAIRCHILD-2N5457_1 Datasheet
130Kb / 5P
   N-Channel General Purpose Amplifier
More results

Similar Description - 2N5457_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4416 CENTRAL-2N4416_15 Datasheet
1Mb / 4P
   SILICON N-CHANNEL JFETS
2N4091 CENTRAL-2N4091 Datasheet
355Kb / 3P
   SILICON N-CHANNEL JFETS
R0 23-April 2019
BSV79 CENTRAL-BSV79 Datasheet
431Kb / 4P
   N-CHANNEL SILICON JFETS
R0 12-December 2018
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com