Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5325SR Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5325SR
Description  3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5325SR Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5325SR Datasheet HTML 2Page - RF Micro Devices RF5325SR Datasheet HTML 3Page - RF Micro Devices RF5325SR Datasheet HTML 4Page - RF Micro Devices RF5325SR Datasheet HTML 5Page - RF Micro Devices RF5325SR Datasheet HTML 6Page - RF Micro Devices RF5325SR Datasheet HTML 7Page - RF Micro Devices RF5325SR Datasheet HTML 8Page - RF Micro Devices RF5325SR Datasheet HTML 9Page - RF Micro Devices RF5325SR Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
RF5325
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Out
RX
GND
TX
VREG
VCC
GND
ANT
GND
5
6
7
8
9
10
11
12
2
3
4
1
3 x 3 x 0.45 mm
16
15
14
13


Similar Part No. - RF5325SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
   3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322PCK-410 RFMD-RF5322PCK-410 Datasheet
691Kb / 12P
   3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322SR RFMD-RF5322SR Datasheet
691Kb / 12P
   3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322TR7 RFMD-RF5322TR7 Datasheet
691Kb / 12P
   3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5325SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com