Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5345TR7 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5345TR7
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345TR7 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5345TR7 Datasheet HTML 4Page - RF Micro Devices RF5345TR7 Datasheet HTML 5Page - RF Micro Devices RF5345TR7 Datasheet HTML 6Page - RF Micro Devices RF5345TR7 Datasheet HTML 7Page - RF Micro Devices RF5345TR7 Datasheet HTML 8Page - RF Micro Devices RF5345TR7 Datasheet HTML 9Page - RF Micro Devices RF5345TR7 Datasheet HTML 10Page - RF Micro Devices RF5345TR7 Datasheet HTML 11Page - RF Micro Devices RF5345TR7 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5345 PCB Footprint and Stencil Recommendations
Thermal vias for center slug “B” should be incorporated into the PCB design. The number and size of thermal vias will depend
on the application, the power dissipation, and the electrical requirements. Example of the number and size of vias can be
found on the RFMD evaluation board layout.


Similar Part No. - RF5345TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5345TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com