Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5385SR Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5385SR
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5385SR Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5385SR Datasheet HTML 3Page - RF Micro Devices RF5385SR Datasheet HTML 4Page - RF Micro Devices RF5385SR Datasheet HTML 5Page - RF Micro Devices RF5385SR Datasheet HTML 6Page - RF Micro Devices RF5385SR Datasheet HTML 7Page - RF Micro Devices RF5385SR Datasheet HTML 8Page - RF Micro Devices RF5385SR Datasheet HTML 9Page - RF Micro Devices RF5385SR Datasheet HTML 10Page - RF Micro Devices RF5385SR Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
RF5385
DS120723
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Note: Components C5 and C6 may not be needed in the final schematic. This will be dependent on board layout and
noise coupling to these pins.
Vreg
Pdet
7
8
9
10
11
12
1
2
3
4
5
6
TX
RX
ANT
BT
C5
1nF
C7
1uF
C4
1nF
C6
1uF
C1
10pF
C2
10pF
C3
10pF
C8
10pF
L1
6.8nH


Similar Part No. - RF5385SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
RF5388PCBA-410 RFMD-RF5388PCBA-410 Datasheet
510Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
RF5389PCBA-410 RFMD-RF5389PCBA-410 Datasheet
632Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
More results

Similar Description - RF5385SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com