Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5516PCK-410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5516PCK-410
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5516PCK-410 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5516PCK-410 Datasheet HTML 1Page - RF Micro Devices RF5516PCK-410 Datasheet HTML 2Page - RF Micro Devices RF5516PCK-410 Datasheet HTML 3Page - RF Micro Devices RF5516PCK-410 Datasheet HTML 4Page - RF Micro Devices RF5516PCK-410 Datasheet HTML 5Page - RF Micro Devices RF5516PCK-410 Datasheet HTML 6Page - RF Micro Devices RF5516PCK-410 Datasheet HTML 7Page - RF Micro Devices RF5516PCK-410 Datasheet HTML 8Page - RF Micro Devices RF5516PCK-410 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RF5516
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
1HBRX
Receiver output. This port is DC blocked internally and matched to 50
.
2GND
Ground connection.
3HBTX
Transmit RF input. This port is DC blocked internally and matched to 50
.
4GND
Ground connection.
5PA EN
Bias voltage for the PA. See logic control table for proper settings.
6
VDD1
Supply voltage for the LNA.
7
VDD2
Supply voltage for the PA.
8
VDD3
Same as pin 7.
9PDET
Power detector for the transmit path.
10
GND
Ground connection.
11
ANT
Antenna port. Internally DC blocked and matched to 50
.
12
GND
Ground connection.
13
SWRX
Control switch for the receive mode. See logic control table for proper settings.
14
SWTX
Control switch for the transmit mode. See logic control table for proper settings.
15
LNA EN
Bias voltage for the LNA. See logic control table for proper settings.
16
GND
Ground connection.
Pkg
Base
GND
The center metal base of the QFN package provides DC and RF ground as well as heat sink for the front-end
module.


Similar Part No. - RF5516PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5515 RFMD-RF5515 Datasheet
634Kb / 9P
   4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF5515PCK-410 RFMD-RF5515PCK-410 Datasheet
634Kb / 9P
   4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF5515SR RFMD-RF5515SR Datasheet
634Kb / 9P
   4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF5515TR7 RFMD-RF5515TR7 Datasheet
634Kb / 9P
   4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
More results

Similar Description - RF5516PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5506 RFMD-RF5506 Datasheet
966Kb / 9P
   5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
Qorvo, Inc
RF5506 QORVO-RF5506 Datasheet
966Kb / 9P
   5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
RF Micro Devices
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com