Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5623 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5623
Description  SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5623 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5623 Datasheet HTML 1Page - RF Micro Devices RF5623 Datasheet HTML 2Page - RF Micro Devices RF5623 Datasheet HTML 3Page - RF Micro Devices RF5623 Datasheet HTML 4Page - RF Micro Devices RF5623 Datasheet HTML 5Page - RF Micro Devices RF5623 Datasheet HTML 6Page - RF Micro Devices RF5623 Datasheet HTML 7Page - RF Micro Devices RF5623 Datasheet HTML 8Page - RF Micro Devices RF5623 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2 of 18
RF5623
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.25
V
Supply Voltage (No RF Applied)
-0.5 to +6.0
V
DC Supply Current
850
mA
Input RF Power
+10*
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL1
*Note: Maximum input power with a 50
 load.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance WiMAX
IEEE802.16e
Nominal Condition T=25 °C, VCC=5.0V,
VREG=2.85V, Freq=Full frequency range and duty
cycle=37.029% unless otherwise specified. 802.16e
16QAM modulation with 10MHz BW signal
Frequency Range
3.3
3.6
GHz
3.6
3.8
GHz
Output Power
26
dBm
EVM
2.5
3.5
%
at POUT=26dBm
Operating Current
600
700
mA
Quiescent Current
380
470
mA
VCC=5.0V, VREG=2.85V, RF=Off
IREG
10
mA
PDOWN Current
10
mA
Leakage Current
1
mA
VCC=5.0V, VREG=0V, RF=Off
Gain
28
32
dB
at Rated output Power
Gain Variation over Temperature
2
±dB
-40°C to +85°C
Low Gain Mode (Gain Reduction)
25
dB
at VCC=5.0V, VREG 1 and 3=2.85V, VREG2= Low and
Temp=25°C (In this mode the gain of the power
amplifier drops by TBD typical from its original gain)
Power Detector
10
29
dBm
Useable power detection range
Input Return Loss
-15
-10
dB
Output P1dB
32
dBm
with CW signal at VCC=5.0V
Turn-On Time
0.5
1.0
us
Output stable to within 90% of final gain
Thermal Data
Maximum Junction Temperature
for long term reliability, Tj Max
150
°C
POUT=26dBm, VCC=5VDc, VREG=2.85VDc.
TREF = 85°C
Thermal Resistance,
jc
23.7
°C/W
POUT = 26dBm, VCC=5VDc, VREG=2.85VDc, Junction
to bottom of QFN package. TREF = 85°C
Thermal Resistance,
j-Ref
29.7
°C/W
POUT=26dBm, VCC=5VDc, VREG=2.85VDc, Junction
to bottom of PCB. TREF = 85°C
Human Body Model
1000
V
Charge Device Model
1000
V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.


Similar Part No. - RF5623

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5620 RFMD-RF5620 Datasheet
482Kb / 8P
   INTEGRATED SWITCH MODULE
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
   3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622PCBA-41X RFMD-RF5622PCBA-41X Datasheet
79Kb / 2P
   3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622_11 Datasheet
200Kb / 9P
   LINEAR POWER AMPLIFIER
More results

Similar Description - RF5623

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
logo
RF Micro Devices
RF5633 RFMD-RF5633 Datasheet
1Mb / 11P
   SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
logo
Mimix Broadband
XP1048-QJ MIMIX-XP1048-QJ Datasheet
376Kb / 8P
   3.3-3.8 GHz HFET 3W Linear Power Amplifier
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
logo
RF Micro Devices
RF5632 RFMD-RF5632 Datasheet
1Mb / 18P
   SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
logo
Texas Instruments
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
Broadcom Corporation.
ALM-42316 BOARDCOM-ALM-42316 Datasheet
849Kb / 13P
   (3.3 ??5)V Linear Wireless Data Power Amplifier for (3.3 - 3.8)GHz Operation
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
   3.3-3.8 GHz Bi-Directional Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com