Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5652TR13 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5652TR13
Description  5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5652TR13 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5652TR13 Datasheet HTML 1Page - RF Micro Devices RF5652TR13 Datasheet HTML 2Page - RF Micro Devices RF5652TR13 Datasheet HTML 3Page - RF Micro Devices RF5652TR13 Datasheet HTML 4Page - RF Micro Devices RF5652TR13 Datasheet HTML 5Page - RF Micro Devices RF5652TR13 Datasheet HTML 6Page - RF Micro Devices RF5652TR13 Datasheet HTML 7Page - RF Micro Devices RF5652TR13 Datasheet HTML 8Page - RF Micro Devices RF5652TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4 of 21
RF5652
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1NC
No Connection internal. Can be grounded or left open.
2NC
No Connection internal. Can be grounded or left open.
3NC
No Connection internal. Can be grounded or left open.
4RFIN
RF input, internal DC blocked.
5RFIN
RF input, internal DC blocked.
6NC
No Connection internal. Can be grounded or left open.
7PENABLE
PA Enable pin; Apply <0.6VDC to power down the three power amplifier stages. Apply 1.75VDC to
5.0VDc to enable PA.
8VREG1
First stage bias voltage. This Pin requires regulated supply for best performance.
9VREG2
Second stage bias voltage. This Pin requires regulated supply for best performance.
10
VREG3
Third stage bias voltage. This Pin requires regulated supply for best performance.
11
VBIAS
Supply voltage for the bias reference and control circuits. May be connected with VCC1, VCC2, VCC3 as
long as appropriate isolation is provided.
12
VCC1
This pin is connected internally to the collector of the 1st stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
13
NC
No Connection internal. Can be grounded or left open.
14
VCC2
This pin is connected internally to the collector of the 2nd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
15
NC
No Connection internal. Can be grounded or left open.
16
PDET
Power detector provides an output voltage proportional to the RF output power level.
17
RFOUT
RF Output. Need external DC block.
18
RFOUT
RF Output. Need external DC block.
19
RFOUT
RF Output. Need external DC block.
20
RFOUT
RF Output. Need external DC block.
21
RFOUT
RF Output. Need external DC block.
22
RFOUT
RF Output. Need external DC block.
23
RFOUT
RF Output. Need external DC block.
24
RFOUT
RF Output. Need external DC block.
25
NC
No Connection internal. Can be grounded or left open.
26
NC
No Connection internal. Can be grounded or left open.
27
VCC2
This pin is connected internally to the collector of the 2nd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
28
NC
No Connection internal. Can be grounded or left open.
29
VCC1
This pin is connected internally to the collector of the 1st stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
30
VBIAS
Supply voltage for the bias reference and control circuits. May be connected with VCC1, VCC2, VCC3 as
long as appropriate isolation is provided.
31
NC
No Connection internal. Can be grounded or left open.
32
NC
No Connection internal. Can be grounded or left open.
PkG Base
GND
Ground connection. The back side of the package should be connected to the ground plane through as
short a connection as possible, for example, PCB vias under the device are recommended.


Similar Part No. - RF5652TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601PCK-410 RFMD-RF5601PCK-410 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601SR RFMD-RF5601SR Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601TR7 RFMD-RF5601TR7 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
   3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5652TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
   3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
   3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
   5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com