Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFD19743 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # IFD19743
Description  Ceramic bandpass filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IFD19743 Datasheet(HTML) 2 Page - Integrated Technology Future

  IFD19743 Datasheet HTML 1Page - Integrated Technology Future IFD19743 Datasheet HTML 2Page - Integrated Technology Future IFD19743 Datasheet HTML 3Page - Integrated Technology Future IFD19743 Datasheet HTML 4Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ceramic Bandpass Filter IFD19743
Part No.
IFD19743
Rev. Date
2014-09-03
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS 01
2/4
Specifications
Fo =
1970MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency (
Fo
)
-
1970
-
MHz
Insertion Loss (1960 ~ 1980MHz)
-
2.5
3.0
dB
Amplitude Ripple (1960 ~ 1980MHz)
-
0.5
0.7
dB
VSWR (1960 ~ 1980MHz)
-
1.3
1.5
-
Relative Attenuation
@
2040 MHz
50.0
55.0
-
dB
Input/Output Impedance
50
Ohm


Similar Part No. - IFD19743

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IFD19707 ITF-IFD19707 Datasheet
132Kb / 4P
   Ceramic bandpass filter
IFD19750 ITF-IFD19750 Datasheet
122Kb / 3P
   Ceramic bandpass filter
More results

Similar Description - IFD19743

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IFD19750 ITF-IFD19750 Datasheet
122Kb / 3P
   Ceramic bandpass filter
IFD27905 ITF-IFD27905 Datasheet
169Kb / 4P
   Ceramic bandpass filter
IFD34631 ITF-IFD34631 Datasheet
163Kb / 4P
   Ceramic bandpass filter
IFD16504 ITF-IFD16504 Datasheet
118Kb / 3P
   Ceramic bandpass filter
IFD17734 ITF-IFD17734 Datasheet
132Kb / 4P
   Ceramic bandpass filter
IFD17928 ITF-IFD17928 Datasheet
153Kb / 4P
   Ceramic bandpass filter
IFD18353 ITF-IFD18353 Datasheet
278Kb / 4P
   Ceramic bandpass filter
IFD21148 ITF-IFD21148 Datasheet
124Kb / 3P
   Ceramic bandpass filter
IFD35001 ITF-IFD35001 Datasheet
159Kb / 4P
   Ceramic bandpass filter
IFD18806 ITF-IFD18806 Datasheet
133Kb / 4P
   Ceramic bandpass filter
IFD08332 ITF-IFD08332 Datasheet
125Kb / 4P
   Ceramic bandpass filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com