Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1506R-C2 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1506R-C2
Description  SPDT SWITCH GaAs MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1506R-C2 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1506R-C2 Datasheet HTML 1Page - New Japan Radio NJG1506R-C2 Datasheet HTML 2Page - New Japan Radio NJG1506R-C2 Datasheet HTML 3Page - New Japan Radio NJG1506R-C2 Datasheet HTML 4Page - New Japan Radio NJG1506R-C2 Datasheet HTML 5Page - New Japan Radio NJG1506R-C2 Datasheet HTML 6Page - New Japan Radio NJG1506R-C2 Datasheet HTML 7Page - New Japan Radio NJG1506R-C2 Datasheet HTML 8Page - New Japan Radio NJG1506R-C2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NJG1506R
- 2 -
nABSOLUTE MAXIMUM RATINGS
(Ta=25°C, Zs=Zl=50
Ω)
PARAMETER
SYMBOL
RATINGS
UNITS
Input power
Pin
28
dBm
Control voltage
VCTR
6.0
V
Power dissipation
PD
320
mW
Operating Temp.
Topr
-30~+85
°C
Storage Temp.
Tstg
-40~+150
°C
nELECTRICAL CHARACTERISTICS
(VCTR (L)=0V, VCTR (H)=2.7V, Zs=Zo=50
Ω, T
a=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Control voltage (L)
VCTR (L)
f=0.05~2.5GHz, Pin=10dBm
-0.2
0
0.2
V
Control voltage (H)
VCTR (H)
f=0.05~2.5GHz, Pin=10dBm
2.5
2.7
5.5
V
Control current
ICTR
f=0.05~2.5GHz, Pin=10dBm
-
1.0
2.0
uA
Insertion loss1
LOSS1
f=1.0GHz, Pin=0dBm
-
0.3
0.6
dB
Insertion loss2
LOSS2
f=2.0GHz, Pin=0dBm
-
0.5
0.8
dB
Isolation 1
(PC-P1, PC-P2, P1-P2)
ISL1
f=1.0GHz, Pin=0dBm
25
28
-
dB
Isolation 2
(PC-P1, PC-P2, P1-P2)
ISL2
f=2.0GHz, Pin=0dBm
23
27
-
dB
Pin at 1dB
compression point
P-1dB
f=2.0GHz
19.0
22.0
-
dBm
VSWR
VSWR
f=0.05~2.5GHz, ON STATE
-
1.2
1.5
Switching time
TSW
f=0.05~2.5GHz
-
15
-
ns


Similar Part No. - NJG1506R-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C1 NJRC-NJG1505R-C1 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C2 NJRC-NJG1505R-C2 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C3 NJRC-NJG1505R-C3 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C4 NJRC-NJG1505R-C4 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
More results

Similar Description - NJG1506R-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1509F NJRC-NJG1509F Datasheet
431Kb / 13P
   SPDT SWITCH GaAs MMIC
NJG1522KB2 NJRC-NJG1522KB2 Datasheet
182Kb / 11P
   SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com