Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP4047SSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP4047SSD
Description  40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4047SSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP4047SSD_15 Datasheet HTML 1Page - Diodes Incorporated DMP4047SSD_15 Datasheet HTML 2Page - Diodes Incorporated DMP4047SSD_15 Datasheet HTML 3Page - Diodes Incorporated DMP4047SSD_15 Datasheet HTML 4Page - Diodes Incorporated DMP4047SSD_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DMP4047SSD
Document Number DS36353 Rev. 3 - 2
4 of 5
www.diodes.com
September 2013
© Diodes Incorporated
DMP4047SSD
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
I= 1mA
D
-
I = -250µA
D
2.0
-V , SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
0
5
10
15
20
25
30
T= 25 C
A
0
0.3
0.6
0.9
1.2
1.5
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIMES (sec)
Figure 9 Transient Thermal Resistance
D = 0.7
D = 0.9
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
SO-8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82

0
8
All Dimensions in mm
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3


Similar Part No. - DMP4047SSD_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4047SSD-13 DIODES-DMP4047SSD-13 Datasheet
280Kb / 5P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
DMP4047SSD-13-F VBSEMI-DMP4047SSD-13-F Datasheet
944Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - DMP4047SSD_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4050SSD DIODES-DMP4050SSD_15 Datasheet
172Kb / 8P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4050SSD DIODES-DMP4050SSD Datasheet
707Kb / 8P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS32107 Rev 2 - 2
DMP4025LSD DIODES-DMP4025LSD_15 Datasheet
292Kb / 8P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4047SSD DIODES-DMP4047SSD Datasheet
280Kb / 5P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4026LSD DIODES-DMP4026LSD Datasheet
567Kb / 7P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 2 - 2
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com