Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1508F-C1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1508F-C1
Description  SPDT SWITCH GaAs MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1508F-C1 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1508F-C1 Datasheet HTML 1Page - New Japan Radio NJG1508F-C1 Datasheet HTML 2Page - New Japan Radio NJG1508F-C1 Datasheet HTML 3Page - New Japan Radio NJG1508F-C1 Datasheet HTML 4Page - New Japan Radio NJG1508F-C1 Datasheet HTML 5Page - New Japan Radio NJG1508F-C1 Datasheet HTML 6Page - New Japan Radio NJG1508F-C1 Datasheet HTML 7Page - New Japan Radio NJG1508F-C1 Datasheet HTML 8Page - New Japan Radio NJG1508F-C1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NJG1508F
- 1 -
SPDT SWITCH GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1508F is a GaAs SPDT switch MMIC which features
low loss, high isolation and low control current, and ideally
suitable the cellular phone handsets which needs to switch
during two frequency bands.
NJG1508F is operated in the wide frequency range from
50MHz to 3GHz at a low voltage from 2.5V with very small
MTP6 package.
nFEATURES
lSingle and low control voltage
+2.5~+5.5V
lLow insertion loss
0.3dB typ. @f=1.0GHz, Pin=0dBm
lHigh isolation
27dB typ. @f=1.0GHz, Pin=0dBm
lTransmission power
19dBm max. @f=2.0GHz, VCTL=3.0V
lLow control current
1.0uA typ. @f=0.05~2.5GHz, Pin=10dBm
lPackage
MTP6 (Mount Size: 2.8x2.9x1.2mm)
nPIN CONFIGURATION
nTRUTH TABLE
VCTR1
H
L
L
H
VCTR2
L
H
L
H
P1-PC
OFF
ON
Loss=15dB
P1 Return Loss=-3dB
Loss=16dB
P1 Return Loss=-2dB
P2-PC
ON
OFF
Loss=15dB
P2 Return Loss=-3dB
Loss=16dB
P2 Return Loss=-2dB
NJG1508F
F Type
(Top View)
Orientation Mark
1
2
3
4
5
6
Pin Connection
1.VCTR1
2.PC
3.VCTR2
4.P2
5.GND
6.P1
Note) The values of “Loss” and “Return Loss” are typical values.
“H”=VCTR (H), “L”=VCTR (L)


Similar Part No. - NJG1508F-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C1 NJRC-NJG1505R-C1 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C2 NJRC-NJG1505R-C2 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C3 NJRC-NJG1505R-C3 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C4 NJRC-NJG1505R-C4 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
More results

Similar Description - NJG1508F-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1506R NJRC-NJG1506R Datasheet
398Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1509F NJRC-NJG1509F Datasheet
431Kb / 13P
   SPDT SWITCH GaAs MMIC
NJG1522KB2 NJRC-NJG1522KB2 Datasheet
182Kb / 11P
   SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com