Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT5015LFDF-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMT5015LFDF-7
Description  50V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT5015LFDF-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMT5015LFDF-7 Datasheet HTML 1Page - Diodes Incorporated DMT5015LFDF-7 Datasheet HTML 2Page - Diodes Incorporated DMT5015LFDF-7 Datasheet HTML 3Page - Diodes Incorporated DMT5015LFDF-7 Datasheet HTML 4Page - Diodes Incorporated DMT5015LFDF-7 Datasheet HTML 5Page - Diodes Incorporated DMT5015LFDF-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMT5015LFDF
50V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
50V
15m
Ω @ VGS = 10V
9.1A
23m
Ω @ VGS = 4.5V
7.4A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Load Switch
Adaptor Switch
Notebook PC
Features
0.6mm Profile – Ideal for Low Profile Applications
PCB Footprint of 4mm
2
Low Gate Threshold Voltage
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: U-DFN2020-6
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – NiPdAu over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.007 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel size (inches)
Quantity per reel
DMT5015LFDF-7
T5
7
3,000
DMT5015LFDF-13
T5
13
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
Code
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Pin Out
Internal Schematic
T5 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: A = 2014)
M = Month (ex: 9 = September)
U-DFN2020-6
Bottom View
T5
Bottom View
Top View
D
S
G
e4
DMT5015LFDF
Datasheet number: DS37202 Rev. 4 - 2
1 of 6
www.diodes.com
September 2014
© Diodes Incorporated


Similar Part No. - DMT5015LFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT5015LFDF-7 DIODES-DMT5015LFDF-7 Datasheet
353Kb / 6P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT5015LFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF Datasheet
353Kb / 6P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
BSS138K DIODES-BSS138K Datasheet
509Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
October 2019
DMN52D0UVA DIODES-DMN52D0UVA Datasheet
588Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 3 - 2
DMN52D0LT DIODES-DMN52D0LT Datasheet
698Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 2 - 2
logo
Cystech Electonics Corp...
BSS138C3 CYSTEKEC-BSS138C3 Datasheet
323Kb / 8P
   50V N-CHANNEL Enhancement Mode MOSFET
MTN002N05Y3 CYSTEKEC-MTN002N05Y3 Datasheet
344Kb / 8P
   50V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
BSS138DWK DIODES-BSS138DWK Datasheet
707Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2021
BSS138WQ DIODES-BSS138WQ Datasheet
686Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021
DMN5040LSS DIODES-DMN5040LSS Datasheet
409Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2016 Rev. 1 - 2
logo
Pan Jit International I...
PJT7838 PANJIT-PJT7838 Datasheet
291Kb / 6P
   50V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com