Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT6010LFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMT6010LFG
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT6010LFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMT6010LFG_15 Datasheet HTML 1Page - Diodes Incorporated DMT6010LFG_15 Datasheet HTML 2Page - Diodes Incorporated DMT6010LFG_15 Datasheet HTML 3Page - Diodes Incorporated DMT6010LFG_15 Datasheet HTML 4Page - Diodes Incorporated DMT6010LFG_15 Datasheet HTML 5Page - Diodes Incorporated DMT6010LFG_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMT6010LFG
Document number: DS36620 Rev. 3 - 2
2 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMT6010LFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
TA = +25°C
TA = +70°C
ID
13
11
A
TC = +25°C
TC = +70°C
ID
30
24
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
3
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
80
A
Avalanche Current, L=0.1mH
IAS
20
A
Avalanche Energy, L=0.1mH
EAS
64
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.2
W
TC = +25°C
41
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
55
°C/W
t<10s
35
Thermal Resistance, Junction to Case (Note 5)
RθJC
3
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.8
2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
6
7.5
m
VGS = 10V, ID = 20A
7.8
11.5
VGS = 4.5V, ID = 20A
Diode Forward Voltage
VSD
0.9
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
2090
pF
VDS = 30V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
746
Reverse Transfer Capacitance
Crss
38.5
Gate resistance
Rg
0.59
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
19.3
nC
VDS = 30V, ID = 20A
Total Gate Charge (VGS = 10V)
Qg
41.3
Gate-Source Charge
Qgs
6.0
Gate-Drain Charge
Qgd
8.8
Turn-On Delay Time
tD(on)
5.7
nS
VDD = 30V, VGS = 10V,
ID = 20A, RG = 3Ω,
Turn-On Rise Time
tr
4.3
Turn-Off Delay Time
tD(off)
23.4
Turn-Off Fall Time
tf
9.7
Notes:
5. RθJA is determined with the device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate. RθJC is guaranteed by design
while RθJA is determined by the user’s board design.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMT6010LFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6010LFG-13 DIODES-DMT6010LFG-13 Datasheet
462Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT6010LFG_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com