Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP4050SSD-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP4050SSD-13
Description  40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4050SSD-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP4050SSD-13 Datasheet HTML 1Page - Diodes Incorporated DMP4050SSD-13 Datasheet HTML 2Page - Diodes Incorporated DMP4050SSD-13 Datasheet HTML 3Page - Diodes Incorporated DMP4050SSD-13 Datasheet HTML 4Page - Diodes Incorporated DMP4050SSD-13 Datasheet HTML 5Page - Diodes Incorporated DMP4050SSD-13 Datasheet HTML 6Page - Diodes Incorporated DMP4050SSD-13 Datasheet HTML 7Page - Diodes Incorporated DMP4050SSD-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMP4050SSD
Document Number DS32107 Rev 3 - 2
4 of 8
www.diodes.com
April 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP4050SSD
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-40
V
ID = -250µA , VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-0.5
µA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-1.0
-3.0
V
ID = -250µA, VDS = VGS
Static Drain-Source On-Resistance (Note 12)
RDS(ON)
0.038
0.050
VGS = -10V, ID = -6A
0.055
0.079
VGS = -4.5V, ID = -5A
Forward Transconductance (Notes 12 & 13)
gfs
14
S
VDS = -15V, ID = -6A
Diode Forward Voltage (Note 12)
VSD
-0.86
-1.2
V
IS = -6A, VGS = 0V
Reverse recovery time (Note 13)
trr
18
ns
IS = -2A, di/dt = 100A/µs
Reverse recovery charge (Note 13)
Qrr
12.7
nC
DYNAMIC CHARACTERISTICS (Note 13)
Input Capacitance
Ciss
674
pF
VDS = -20V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
115
pF
Reverse Transfer Capacitance
Crss
67.7
pF
Total Gate Charge (Note 14)
Qg

6.9

nC
VGS = -4.5V
VDS = -20V
ID = -6A
Total Gate Charge (Note 14)
Qg
13.9
nC
VGS = -10V
Gate-Source Charge (Note 14)
Qgs
2
nC
Gate-Drain Charge (Note 14)
Qgd
3.4
nC
Turn-On Delay Time (Note 14)
tD(on)
1.9
ns
VDD = -20V, VGS = -10V
ID = -1A, RG  6.0
Turn-On Rise Time (Note 14)
tr
3.1
ns
Turn-Off Delay Time (Note 14)
tD(off)
31.5
ns
Turn-Off Fall Time (Note 14)
tf
12.6
ns
Notes:
12. Measured under pulsed conditions. Pulse width
 300s; duty cycle  2%
13. For design aid only, not subject to production testing.
14. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - DMP4050SSD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4050SSD-13 DIODES-DMP4050SSD-13 Datasheet
707Kb / 8P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS32107 Rev 2 - 2
More results

Similar Description - DMP4050SSD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4050SSD DIODES-DMP4050SSD Datasheet
707Kb / 8P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS32107 Rev 2 - 2
DMP4025LSD DIODES-DMP4025LSD_15 Datasheet
292Kb / 8P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4047SSD DIODES-DMP4047SSD Datasheet
280Kb / 5P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4047SSD DIODES-DMP4047SSD_15 Datasheet
280Kb / 5P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4026LSD DIODES-DMP4026LSD Datasheet
567Kb / 7P
   40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 2 - 2
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com