Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1515AVB2 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1515AVB2
Description  TDMA ANTENNA SWITCH GaAs MMIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1515AVB2 Datasheet HTML 1Page - New Japan Radio NJG1515AVB2 Datasheet HTML 2Page - New Japan Radio NJG1515AVB2 Datasheet HTML 3Page - New Japan Radio NJG1515AVB2 Datasheet HTML 4Page - New Japan Radio NJG1515AVB2 Datasheet HTML 5Page - New Japan Radio NJG1515AVB2 Datasheet HTML 6Page - New Japan Radio NJG1515AVB2 Datasheet HTML 7Page - New Japan Radio NJG1515AVB2 Datasheet HTML 8Page - New Japan Radio NJG1515AVB2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NJG1515AVB2
- 3 -
nELECTRICAL CHARACTERISTICS 2 [800MHz TX Mode]
Common Conditions:
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Frequency range 1
fin1
885
-
960
MHz
TX-ANT1 Insertion Loss
LOSS1
Pin=30dBm
-
0.5
0.65
dB
TX-EXT1 Insertion Loss
LOSS2
Pin=30dBm
-
0.5
0.65
dB
TX-RX Isolation
ISL1
Pin=30dBm
TX-ANT1, TX-EXT1 passing
24
29
-
dB
TX-ANT1 Isolation
ISL2
Pin=30dBm
TX-EXT1 passing
22
27
-
dB
TX-ANT2 Isolation
ISL3
Pin=30dBm
TX-ANT1, TX-EXT1 passing
33
38
-
dB
TX-EXT1 Isolation
ISL4
Pin=30dBm
TX-ANT1 passing
21
26
-
dB
TX-EXT2 Isolation
ISL5
Pin=30dBm
TX-ANT1, TX-EXT1 passing
32
37
-
dB
Pin at 0.5dB
compression point 1
P-0.5dB(1) TX-ANT1, TX-EXT1 passing
33
34
-
dBm
Adjacent Channel
Leakage Power 1
ACP1
PDC Standard,
±50kHz offset
Pin=30dBm, Input Signal
ACP=-64dBc @30dBm
-
-63
-60
dBc
Adjacent Channel
Leakage Power 3
ACP2
PDC Standard,
±100kHz offset
Pin=30dBm, Input Signal
ACP=-76dBc @30dBm
-
-74
-70
dBc
2nd Harmonics 1
2f0(1)
Pin=30dBm, Input Signal 2nd
Harmonics=-68dBc
-
-63
-60
dBc
3rd Harmonics 1
3f0(1)
Pin=30dBm, Input Signal 2nd
Harmonics=-69dBc
-
-63
-60
dBc
VSWR1
VSWR1
TX-ANT1, TX-EXT1 passing
-
1.3
1.5
Switching time
TD1
CTL1~3
-
120
500
nsec
f=960MHz, Ta=25°C, VDD=3.5V, VSS=-2.5V
Tested on PCB circuit as shown below.
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1 and EXT2 are terminated to 50
Ω.
TER1 and TER2 are connected to GND through 5pFcapacitor.


Similar Part No. - NJG1515AVB2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1516KC3 NJRC-NJG1516KC3 Datasheet
636Kb / 25P
   SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
More results

Similar Description - NJG1515AVB2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1672LK4 NJRC-NJG1672LK4 Datasheet
247Kb / 16P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1673LG3 NJRC-NJG1673LG3 Datasheet
268Kb / 11P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1544HC3 NJRC-NJG1544HC3 Datasheet
164Kb / 8P
   2x2 Antenna SWITCH GaAs MMIC
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1658K34 NJRC-NJG1658K34 Datasheet
79Kb / 2P
   DP7T ANTENNA SWITCH GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com