Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2862 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2862
Description  60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2862 Datasheet(HTML) 2 Page - Linear Technology

  LTC2862_15 Datasheet HTML 1Page - Linear Technology LTC2862_15 Datasheet HTML 2Page - Linear Technology LTC2862_15 Datasheet HTML 3Page - Linear Technology LTC2862_15 Datasheet HTML 4Page - Linear Technology LTC2862_15 Datasheet HTML 5Page - Linear Technology LTC2862_15 Datasheet HTML 6Page - Linear Technology LTC2862_15 Datasheet HTML 7Page - Linear Technology LTC2862_15 Datasheet HTML 8Page - Linear Technology LTC2862_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC2862/LTC2863/
LTC2864/LTC2865
2
2862345fc
For more information www.linear.com/LTC2862
absoluTe MaxiMuM raTinGs
Supply Voltages
VCC............................................................. –0.3 to 6V
VL .............................................................. –0.3 to 6V
Logic Input Voltages (RE, DE, DI, SLO).......... –0.3 to 6V
Interface I/O: A, B, Y, Z..............................–60V to +60V
Receiver Output (RO)
(LTC2862-LTC2864) ...................–0.3V to (VCC+0.3V)
Receiver Output (RO)
(LTC2865) ..................................–0.3V to (VL + 0.3V)
Operating Ambient Temperature Range (Note 4)
LTC286xC ................................................ 0°C to 70°C
LTC286xI .............................................–40°C to 85°C
LTC286xH.......................................... –40°C to 125°C
LTC286xMP ....................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
pin conFiGuraTion
LTC2862-1, LTC2862-2
LTC2862-1, LTC2862-2
1
2
3
4
8
7
6
5
TOP VIEW
VCC
B
A
GND
RO
RE
DE
DI
S8 PACKAGE
8-LEAD (150mil) PLASTIC SO
TJMAX = 150°C, θJA = 150°C/W, θJC = 39°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
EXPOSED PAD (PIN 9) CONNECT TO PCB GND
TJMAX = 150°C, θJA = 43°C/W, θJC = 3°C/W
5
6
7
8
9
4
3
2
1
RO
RE
DE
DI
VCC
B
A
GND
LTC2863-1, LTC2863-2
LTC2863-1, LTC2863-2
1
2
3
4
8
7
6
5
TOP VIEW
A
B
Z
Y
VCC
RO
DI
GND
S8 PACKAGE
8-LEAD (150mil) PLASTIC SO
TJMAX = 150°C, θJA = 150°C/W, θJC = 39°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
EXPOSED PAD (PIN 9) CONNECT TO PCB GND
TJMAX = 150°C, θJA = 43°C/W, θJC = 3°C/W
5
6
7
8
9
4
3
2
1
VCC
RO
DI
GND
A
B
Z
Y
LTC2864-1, LTC2864-2
LTC2864-1, LTC2864-2
TOP VIEW
S PACKAGE
14-LEAD (150mil) PLASTIC SO
TJMAX = 150°C, θJA = 88°C/W, θJC = 37°C/W
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
EXPOSED PAD (PIN 11) CONNECT TO PCB GND
TJMAX = 150°C, θJA = 43°C/W, θJC = 3°C/W
10
9
6
7
8
4
5
3
2
1
VCC
A
B
Z
Y
RO
RE
DE
DI
GND
11
(Note 1)


Similar Part No. - LTC2862_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2862-5 AD-LTC2862-5 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
Linear Technology
LTC2862A LINER-LTC2862A Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LTC2862A AD-LTC2862A Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2862A AD-LTC2862A Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
LTC2862A-1 AD-LTC2862A-1 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2862_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
logo
Analog Devices
LTC2862A AD-LTC2862A_V01 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com