Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2865 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2865
Description  60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2865 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2865_15 Datasheet HTML 6Page - Linear Technology LTC2865_15 Datasheet HTML 7Page - Linear Technology LTC2865_15 Datasheet HTML 8Page - Linear Technology LTC2865_15 Datasheet HTML 9Page - Linear Technology LTC2865_15 Datasheet HTML 10Page - Linear Technology LTC2865_15 Datasheet HTML 11Page - Linear Technology LTC2865_15 Datasheet HTML 12Page - Linear Technology LTC2865_15 Datasheet HTML 13Page - Linear Technology LTC2865_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC2862/LTC2863/
LTC2864/LTC2865
10
2862345fc
For more information www.linear.com/LTC2862
TesT circuiTs
DRIVER
DI
GND
OR
VCC*
R
Y**
Z**
R
2862345 FO1
VOD
+
VOC
+
*LTC2865 ONLY: SUBSTITUTE VL FOR VCC
**LTC2862 ONLY: SUBSTITUTE A, B FOR Y, Z
DRIVER
DI
GND
OR
VCC*
*LTC2865 ONLY: SUBSTITUTE VL FOR VCC
**LTC2862 ONLY: SUBSTITUTE A, B FOR Y, Z
Y**
Z**
–60V TO 60V
2862345 FO2
IOSD
+–
RECEIVER
B OR A
A OR B
VIN
IIN
2862345 FO3
+–
VIN
RIN =
IIN
DRIVER
DI
CL
CL
Y**
RDIFF
Z**
2862345 FO4
**LTC2862 ONLY: SUBSTITUTE A, B FOR Y, Z
tSKEWD
1/2 VO
tPLHD
VCC*
0V
DI
Y, Z
(Y–Z)
tRD
90%
90%
2862345 F04b
10%
10%
0
0
tFD
tPHLD
VO
*LTC2865 ONLY: SUBSTITUTE VL FOR VCC
Figure 1. Driver DC Characteristics
Figure 2. Driver Output Short-Circuit Current
Figure 3. Receiver Input Current and Input Resistance
Figure 4. Driver Timing Measurement


Similar Part No. - LTC2865_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2865 LINER-LTC2865 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2865 LINER-LTC2865 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LTC2865 LINER-LTC2865 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2865 LINER-LTC2865 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
logo
Analog Devices
LTC2865 AD-LTC2865 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2865_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
logo
Analog Devices
LTC2862A AD-LTC2862A_V01 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com