Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2871 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2871
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2871 Datasheet(HTML) 5 Page - Linear Technology

  LTC2871_15 Datasheet HTML 1Page - Linear Technology LTC2871_15 Datasheet HTML 2Page - Linear Technology LTC2871_15 Datasheet HTML 3Page - Linear Technology LTC2871_15 Datasheet HTML 4Page - Linear Technology LTC2871_15 Datasheet HTML 5Page - Linear Technology LTC2871_15 Datasheet HTML 6Page - Linear Technology LTC2871_15 Datasheet HTML 7Page - Linear Technology LTC2871_15 Datasheet HTML 8Page - Linear Technology LTC2871_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
LTC2870/LTC2871
5
28701fa
For more information www.linear.com/LTC2870
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 3.3V, TE485 = 0V, LB = 0V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RTERM
Terminating Resistor
TE485 = VL, A – B = 2V, B = –7V, 0V, 10V
(Figure 8) (Note 5)
l
108
120
156
Ω
RS232 Driver
VOLD
Output Low Voltage
RL = 3kΩ; VEE ≤ –5.9V
l
–5
–5.7
–7.5
V
VOHD
Output High Voltage
RL = 3kΩ; VDD ≥ 6.5V
l
5
6.2
7.5
V
Three-State (High Impedance) Output Current Y or Z (LTC2870) = ±15V
RS232 Receiver Enabled
DOUT1 or DOUT2 (LTC2871) = ±15V
l
l
±156
±10
µA
µA
Output Short-Circuit Current
Driver Output = 0V
l
±35
±90
mA
RS232 Receiver
Input Threshold Voltage
l
0.6
1.5
2.5
V
Input Hysteresis
l
0.1
0.4
1.0
V
Output Low Voltage
I(RA, RB, ROUT1, ROUT2) = 1mA (Sinking)
1.7V ≤ VL ≤ 5.5V
l
0.4
V
Output High Voltage
I(RA, RB, ROUT1, ROUT2) = –1mA (Sourcing)
1.7V ≤ VL ≤ 5.5V
l
VL – 0.4
V
Input Resistance
–15V ≤ (A, B, RIN1, RIN2) ≤ 15V,
RS232 Receiver Enabled
l
3
5
7
Three-State (High Impedance) Output Current 0V ≤ (RA, RB, ROUT1, ROUT2) ≤ VL
l
0
±5
µA
Output Short-Circuit Current
VL = 5.5V
0V ≤ (RA, RB, ROUT1, ROUT2) ≤ VL
l
±25
±50
mA
Logic Inputs
Threshold Voltage
l
0.4
0.75 • VL
V
Input Current
l
0
±5
µA
Power Supply Generator
VDD
Regulated VDD Output Voltage
RS232 Drivers Enabled, Outputs Loaded with
RL = 3kΩ to GND, DIN1/DY = VL, DIN2/DZ = 0V
(Note 3)
7
V
VEE
Regulated VEE Output Voltage
–6.3
V
ESD
LTC2870 Interface Pins (A, B, Y, Z)
Human Body Model to GND or VCC, Powered or
Unpowered (Note 7)
±26
kV
LTC2871 Interface Pins (A, B, Y, Z, RIN1,
RIN2, DOUT1, DOUT2)
±16
kV
All Other Pins
Human Body Model (Note 7)
±4
kV


Similar Part No. - LTC2871_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2871CFEPBF LINER-LTC2871CFEPBF Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871CUHFPBF LINER-LTC2871CUHFPBF Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871IFEPBF LINER-LTC2871IFEPBF Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871IUHFPBF LINER-LTC2871IUHFPBF Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
More results

Similar Description - LTC2871_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com