Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF6555SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6555SB
Description  2.0V TO 3.6V, 2.4GHz FRONT END MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6555SB Datasheet(HTML) 4 Page - RF Micro Devices

  RF6555SB Datasheet HTML 1Page - RF Micro Devices RF6555SB Datasheet HTML 2Page - RF Micro Devices RF6555SB Datasheet HTML 3Page - RF Micro Devices RF6555SB Datasheet HTML 4Page - RF Micro Devices RF6555SB Datasheet HTML 5Page - RF Micro Devices RF6555SB Datasheet HTML 6Page - RF Micro Devices RF6555SB Datasheet HTML 7Page - RF Micro Devices RF6555SB Datasheet HTML 8Page - RF Micro Devices RF6555SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Revision DS20150615
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
4 of 10
RF6555
RFMD + TriQuint = Qorvo
Control Logic Table
Mode
CE
C_RX_TX
C_LNA
ANTSEL
TX-ANT1
High
High
Low
Low
TX-ANT2
High
High
Low
High
RX-ANT1 LNA
High
Low
Low
Low
RX-ANT1 BYP
High
Low
High
Low
RX-ANT2 LNA
High
Low
Low
High
RX-ANT2 BYP
High
Low
High
High
Power Down
Low
Low
Low
Low


Similar Part No. - RF6555SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6555SB QORVO-RF6555SB Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results

Similar Description - RF6555SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
   2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM6205 QORVO-RFFM6205 Datasheet
353Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM6205 RFMD-RFFM6205 Datasheet
296Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
   3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com