Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3826 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3826
Description  30A IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3826 Datasheet(HTML) 1 Page - Linear Technology

  LTC3826_15 Datasheet HTML 1Page - Linear Technology LTC3826_15 Datasheet HTML 2Page - Linear Technology LTC3826_15 Datasheet HTML 3Page - Linear Technology LTC3826_15 Datasheet HTML 4Page - Linear Technology LTC3826_15 Datasheet HTML 5Page - Linear Technology LTC3826_15 Datasheet HTML 6Page - Linear Technology LTC3826_15 Datasheet HTML 7Page - Linear Technology LTC3826_15 Datasheet HTML 8Page - Linear Technology LTC3826_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC3826
1
3826fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
30µA IQ, Dual, 2-Phase
Synchronous Step-Down Controller
n Automotive Systems
n Battery-Operated Digital Devices
n Distributed DC Power Systems
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 5481178, 5929620, 6177787, 6144194, 5408150, 6580258, 6304066, 5705919.
High Efficiency Dual 8.5V/3.3V Step-Down Converter
Efficiency and Power Loss
vs Load Current
The LTC
®3826 is a high performance dual step-down
switching regulator controller that drives all N-channel
synchronous power MOSFET stages. A constant frequency
current mode architecture allows a phase-lockable fre-
quency of up to 650kHz. Power loss and noise due to the
ESR of the input capacitor are minimized by operating the
two controller output stages out of phase.
The 30μA no-load quiescent current extends operating
life in battery powered systems. OPTI-LOOP compensa-
tion allows the transient response to be optimized over
a wide range of output capacitance and ESR values. The
LTC3826 features a precision 0.8V reference and a power
good output indicator. A wide 4V to 36V input supply range
encompasses all battery chemistries.
Independent TRACK/SS pins for each controller ramp the
output voltage during start-up. Current foldback limits
MOSFET heat dissipation during short-circuit conditions.
The PLLIN/MODE pin selects among Burst Mode opera-
tion, pulse skipping mode, or continuous inductor cur-
rent mode at light loads. For a leaded package version
(28-lead SSOP), see the LTC3826-1 data sheet.
n Wide Output Voltage Range: 0.8V ≤ VOUT ≤ 10V
n Ultralow Operating IQ: 30μA (One Channel On)
n Out-of-Phase Controllers Reduce Required Input
Capacitance and Power Supply Induced Noise
n OPTI-LOOP® Compensation Minimizes COUT
n ±1% Output Voltage Accuracy
n Wide VIN Range: 4V to 36V Operation
n Phase-Lockable Fixed Frequency 140kHz to 650kHz
n Selectable Continuous, Pulse Skipping or Low Ripple
Burst Mode
® Operation at Light Loads
n Dual N-Channel MOSFET Synchronous Drive
n Very Low Dropout Operation: 99% Duty Cycle
n Adjustable Output Voltage Soft-Start or Tracking
n Output Current Foldback Limiting
n Power Good Output Voltage Monitor
n Output Overvoltage Protection
n Low Shutdown IQ: 4μA
n Internal LDO Powers Gate Drive from VIN or VOUT
n Small 5mm × 5mm QFN Package
0.1μF
62.5k
3.3μH
220pF
150μF
4.7μF
22μF
50V
0.015Ω
20k
15k
VOUT1
3.3V
5A
150μF
0.1μF
192.5k
7.2μH
220pF
0.015Ω
20k
15k
VOUT2
8.5V
3.5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1
SENSE2
VFB1
VFB2
ITH1
ITH2
VIN
INTVCC
TRACK/SS1
TRACK/SS2
VIN
4V TO 36V
3826 TA01
0.1μF
0.1μF
LTC3826
OUTPUT CURRENT (A)
0.00001 0.0001
40
50
60
70
80
0.001
0.01
0.1
1
10
3826 TA01b
30
20
10
0
90
100
1
10
1000
100
0.1
10000
FIGURE 13 CIRCUIT


Similar Part No. - LTC3826_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3826-1 LINER-LTC3826-1 Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826-1 LINER-LTC3826-1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3826-1 LINER-LTC3826-1 Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
LTC3826-1 LINER-LTC3826-1 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
LTC3826-1 LINER-LTC3826-1_15 Datasheet
433Kb / 32P
   30A IQ, Dual, 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3826_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3826-1 LINER-LTC3826-1_15 Datasheet
433Kb / 32P
   30A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com