Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF6539SR Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF6539SR
Description  3.3V TO 4.0V,915MHz Transmit/Receive Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6539SR Datasheet(HTML) 8 Page - RF Micro Devices

  RF6539SR Datasheet HTML 1Page - RF Micro Devices RF6539SR Datasheet HTML 2Page - RF Micro Devices RF6539SR Datasheet HTML 3Page - RF Micro Devices RF6539SR Datasheet HTML 4Page - RF Micro Devices RF6539SR Datasheet HTML 5Page - RF Micro Devices RF6539SR Datasheet HTML 6Page - RF Micro Devices RF6539SR Datasheet HTML 7Page - RF Micro Devices RF6539SR Datasheet HTML 8Page - RF Micro Devices RF6539SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RF6539
DS130110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
1
2
3
4
5
6
7
8
9
TX
RX
VCC
ANT2
ANT1
VREG
TXRX_SEL
VCC
ANT_SEL
10
11
12
13
14
15
1
6
1
7
1
8
1
9
20
21
22
23
24
25
26
27
28
5O Ohms
5O Ohms
1.0µF
180pF
220pF
1µF
5O Ohms
5O Ohms


Similar Part No. - RF6539SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6535PCK-410 RFMD-RF6535PCK-410 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6535SQ RFMD-RF6535SQ Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6535SR RFMD-RF6535SR Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6535TR13 RFMD-RF6535TR13 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
More results

Similar Description - RF6539SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
   3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
RF Micro Devices
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
   3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
   915MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com