Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF7225 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF7225
Description  3V W-CDMA BAND 5 LINEAR PA MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7225 Datasheet(HTML) 6 Page - RF Micro Devices

  RF7225 Datasheet HTML 1Page - RF Micro Devices RF7225 Datasheet HTML 2Page - RF Micro Devices RF7225 Datasheet HTML 3Page - RF Micro Devices RF7225 Datasheet HTML 4Page - RF Micro Devices RF7225 Datasheet HTML 5Page - RF Micro Devices RF7225 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
RF7225
Prelim DS110224
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
Thermal Pad and Via Design
The PCB land pattern has been designed with a thermal pad that matches the die paddle size on the bottom of the device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been
designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating routing
strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size on a
0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested that the
quantity of vias be increased by a 4:1 ratio to achieve similar results.
PCB Solder Mask Pattern (Top View)


Similar Part No. - RF7225

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
   3V W-CDMA BAND 2 LINEAR PA MODULE
RF7222PCBA-410 RFMD-RF7222PCBA-410 Datasheet
456Kb / 7P
   3V W-CDMA BAND 2 LINEAR PA MODULE
RF7228 RFMD-RF7228 Datasheet
493Kb / 6P
   3V W-CDMA BAND 8 LINEAR PA MODULE
RF7228PCBA-410 RFMD-RF7228PCBA-410 Datasheet
493Kb / 6P
   3V W-CDMA BAND 8 LINEAR PA MODULE
More results

Similar Description - RF7225

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
   3V W-CDMA BAND 2 LINEAR PA MODULE
RF7228 RFMD-RF7228 Datasheet
493Kb / 6P
   3V W-CDMA BAND 8 LINEAR PA MODULE
RF3266 RFMD-RF3266 Datasheet
191Kb / 10P
   3V W-CDMA LINEAR PA MODULE
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
   3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7206 RFMD-RF7206 Datasheet
576Kb / 8P
   3 V W-CDMA BAND 2 LINEAR PA MODULE
RF7401 RFMD-RF7401 Datasheet
531Kb / 8P
   3 V W-CDMA BAND 1 LINEAR PA MODULE
RF7234 RFMD-RF7234 Datasheet
432Kb / 8P
   3V TD-SCDMA/W-CDMA LINEAR PA MODULE BAND 1 AND 1880MHz TO 2025MHz
logo
ANADIGICS, Inc
AWT6635 ANADIGICS-AWT6635 Datasheet
882Kb / 14P
   HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com