Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFCM2680SB Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFCM2680SB
Description  45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM2680SB Datasheet(HTML) 6 Page - RF Micro Devices

  RFCM2680SB Datasheet HTML 1Page - RF Micro Devices RFCM2680SB Datasheet HTML 2Page - RF Micro Devices RFCM2680SB Datasheet HTML 3Page - RF Micro Devices RFCM2680SB Datasheet HTML 4Page - RF Micro Devices RFCM2680SB Datasheet HTML 5Page - RF Micro Devices RFCM2680SB Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
RFCM2680
DS120518
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
Dimensions in millimeters
PIN 1 Indicator
RFCM2680
molding cap
substrate
9.000±0.100
A
DATA CODE
(YEAR/WEEK)
YYWW
Trace Code
A
A
A
A
A
A
A
A
A= 0.600 x 0.600 mm
0.000
0.650
0.650
2x 2.000
2x 2.000
3.700
3.700
1.000
1.000
Pin1


Similar Part No. - RFCM2680SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3050 RFMD-RFCM3050 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050PCBA-410 RFMD-RFCM3050PCBA-410 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050PCK-410 RFMD-RFCM3050PCK-410 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050SB RFMD-RFCM3050SB Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050SQ RFMD-RFCM3050SQ Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
More results

Similar Description - RFCM2680SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2650 RFMD-RFPD2650 Datasheet
586Kb / 6P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2710 RFMD-RFPD2710 Datasheet
267Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2940 RFMD-RFPD2940 Datasheet
267Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFCM3050 RFMD-RFCM3050 Datasheet
832Kb / 6P
   40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
D10040200PL1 RFMD-D10040200PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com