Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM63363S-VC Datasheet(PDF) 1 Page - Rohm

Part # BM63363S-VC
Description  600V IGBT Intelligent Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM63363S-VC Datasheet(HTML) 1 Page - Rohm

  BM63363S-VC Datasheet HTML 1Page - Rohm BM63363S-VC Datasheet HTML 2Page - Rohm BM63363S-VC Datasheet HTML 3Page - Rohm BM63363S-VC Datasheet HTML 4Page - Rohm BM63363S-VC Datasheet HTML 5Page - Rohm BM63363S-VC Datasheet HTML 6Page - Rohm BM63363S-VC Datasheet HTML 7Page - Rohm BM63363S-VC Datasheet HTML 8Page - Rohm BM63363S-VC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
○Product structure: Semiconductor IC ○This product is not designed for protection against radioactive rays
.
1/20
TSZ02201-0747AB500070-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Nov.2014 Rev.002
TSZ22111・14・001
www.rohm.com
Inverter for motor control
600V IGBT Intelligent Power Module (IPM)
for low speed switching drive
BM63363S-VA
BM63363S-VC
General Description
BM63363S-VA/-VC is an Intelligent Power Module
composed of gate drivers, bootstrap diodes, IGBTs, fly
wheel diodes. Low saturation voltage IGBTs optimized
for low speed switching drive (to 6kHz) such as a
compressor is adopted. Please examine high speed
switching series for high speed switching drive.
Features
 3phase DC/AC Inverter
 600V/10A
 Low Side IGBT Open Emitter
 Built -in Bootstrap Diode
 High Side IGBT Gate Driver(HVIC):
SOI (Silicon On Insulator) Process,
Drive Circuit, High Voltage Level Shifting,
Current Limit for Bootstrap Diode,
Control Supply Under-Voltage Locked Out (UVLO)
 Low Side IGBT Gate Driver(LVIC):
Drive Circuit, Short Circuit Current Protection (SCP),
Control Supply Under Voltage Locked Out (UVLO),
Thermal Shutdown (TSD)
 Fault Signal(LVIC)
Corresponding to SCP (Low Side IGBT), TSD, UVLO
Fault
 Input Interface 3.3V, 5V Line
Application
 Low Speed Switching Drive of AC100 to 240Vrms(DC
Voltage: Less Than 400V) Class Motor
 Low Speed Switching Drive of Compressor Motor for
Air Conditioner, Washing Machine, Refrigerator
Key Specifications
 IGBT Collector-Emitter Voltage VCESAT:
1.5V(Typ)
 FWD Forward Voltage VF:
1.5V(Typ)
 FWD Reverse Recovery Time trr:
100ns(Typ)
 Module Case Temperature TC:
-25 to +100°C
 Junction Temperature Tjmax:
150°C
Package
W(Typ) x D(Typ) x H(Typ)
HSDIP25
38.0mm x 24.0mm x 3.5mm
HSDIP25VC
38.0mm x 24.0mm x 3.5mm
Typical Application Circuit
Figure 1. Example of Application Circuit
HINU
HINV
HINW
HVCC
GND
LINU
LINV
LINW
LVCC
FO
CIN
GND
P
U
V
W
NU
NV
NW
M
24
23
22
21
20
19
18
+
8
9
15
16
15V
14
10
11
12
13
5
6
7
5V
+
2
3
4
+
VBW
VBV
VBU
+
+
HSDIP25
Datasheet


Similar Part No. - BM63363S-VC

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63363S-VC ROHM-BM63363S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63363S-VC ROHM-BM63363S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM) for low speed switching drive
More results

Similar Description - BM63363S-VC

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63764S-VA ROHM-BM63764S-VA Datasheet
978Kb / 23P
   600V IGBT Intelligent Power Module
BM63763S-VA ROHM-BM63763S-VA Datasheet
978Kb / 23P
   600V IGBT Intelligent Power Module
BM63364S-VA ROHM-BM63364S-VA Datasheet
721Kb / 23P
   600V IGBT Intelligent Power Module
BM63767S-VA ROHM-BM63767S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM64364S-VA ROHM-BM64364S-VA Datasheet
916Kb / 21P
   600V IGBT Intelligent Power Module (IPM)
24.Jun.2016 Rev.003
BM63763S-VA ROHM-BM63763S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VA ROHM-BM63375S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VA ROHM-BM63374S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63573S-VA ROHM-BM63573S-VA Datasheet
1Mb / 23P
   600V IGBT Intelligent Power Module (IPM)
BM63764S-VA ROHM-BM63764S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com