Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA0066 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA0066
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0066 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA0066 Datasheet HTML 1Page - RF Micro Devices RFDA0066 Datasheet HTML 2Page - RF Micro Devices RFDA0066 Datasheet HTML 3Page - RF Micro Devices RFDA0066 Datasheet HTML 4Page - RF Micro Devices RFDA0066 Datasheet HTML 5Page - RF Micro Devices RFDA0066 Datasheet HTML 6Page - RF Micro Devices RFDA0066 Datasheet HTML 7Page - RF Micro Devices RFDA0066 Datasheet HTML 8Page - RF Micro Devices RFDA0066 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2 of 18
RFDA0066
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical RF Performance at Key Operating Frequencies
Absolute Maximum Ratings
Parameter
Rating
Unit
Power Supply for DSA
+5.5V/20
VDC/mA
Power Supply for Amplifier
+5.5V/340
VDC/mA
Power Dissipation
1980
mW
Max RF Input Power, ZL=50 
+16
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
+150
°C
ESD Rating (HBM)
500 (Class 1B)
V
Moisture Sensitivity Level
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
TL=25°C, ZS=ZL=50VCC=8V (for AMPs) and
VDD=5V (for DSAs), 5MHz to 250MHz applica-
tion circuit unless otherwise noted.
Frequency Range
5
1000
MHz
Max Gain
44.5
dB
Attenuation=0dB
Gain Control Range
63.0
dB
Step Accuracy
±(0.1 +5% attenuation setting)
dB
Major state error up to 250MHz
P1dB
22
dBm
Attenuation = 0dB
Output IP3
39
dBm
POUT = 0dBm/tone, 1MHz spacing
Control Interface
12
bit
SPI Interface
Settling Time
250
ns
TON, TOFF(10%/90% RF)
Noise Figure
3.5
dB
Attenuation = 0dB
Impedance
50
Input Return Loss
20
dB
At Maximum Gain
Output Return Loss
20
dB
At Maximum Gain
DSA Supply Voltage
4.75
5.0
5.25
V
DSA Supply Current
6
12
20
mA
Include Two DSAs and SPI Control Circuit
Amplifier Supply Voltage
4.7
5.0
5.3
V
Test on Amplifier Bias Pin
Amplifier Supply Current
230
mA
Include Two Amplifiers
Thermal Resistance
70
°C/W
Parameter
Unit
5MHz
50MHz
100MHz 250MHz 400MHz
600MHz
900MHz
Max Small Signal Gain
dB
44.3
44.5
44.5
44.0
43.3
42.4
40.3
Output P1dB
dBm
22.2
22.4
22.5
22.4
22.2
22.1
21.8
Output IP3
dBm
38.2
39.5
39.6
38.5
38.2
36.6
35.9
Input Return Loss
dB
23
25
25
21
23
23
28
Output Return Loss
dB
24
27
28
24
19
18
19
Noise Figure1
dB
N/A
3.5
3.5
3.5
3.7
3.7
3.8
Notes:
1. Noise Figure at 5MHz is not tested due to the limitation of test bench.


Similar Part No. - RFDA0066

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015PCK-410 RFMD-RFDA0015PCK-410 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015SQ RFMD-RFDA0015SQ Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015SR RFMD-RFDA0015SR Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015TR13 RFMD-RFDA0015TR13 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA0066

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0056 RFMD-RFDA0056 Datasheet
661Kb / 10P
   Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
   Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
   Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com