Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA2077 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFDA2077
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2077 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFDA2077 Datasheet HTML 2Page - RF Micro Devices RFDA2077 Datasheet HTML 3Page - RF Micro Devices RFDA2077 Datasheet HTML 4Page - RF Micro Devices RFDA2077 Datasheet HTML 5Page - RF Micro Devices RFDA2077 Datasheet HTML 6Page - RF Micro Devices RFDA2077 Datasheet HTML 7Page - RF Micro Devices RFDA2077 Datasheet HTML 8Page - RF Micro Devices RFDA2077 Datasheet HTML 9Page - RF Micro Devices RFDA2077 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 of 11
RFDA2077
Prelim DS101202
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Truth Table
Channel 1 Control Bit
Gain Relative to Maximum Gain
D11
D10
D9
D8
D7
D6
111111
0dB
111110
-0.5dB
111101
-1dB
111011
-2dB
110111
-4dB
101111
-8dB
011111
-16dB
000000
-31.5dB
Channel 2 Control Bit
Gain Relative to Maximum Gain
D5
D4
D3
D2
D1
D0
111111
0dB
111110
-0.5dB
111101
-1dB
111011
-2dB
110111
-4dB
101111
-8dB
011111
-16dB
000000
-31.5dB
Power Up Programming Truth Table
Logic Voltage Levels
PUP
Attenuator Setting
State
Logic
High
Attenuation at min, 0dB
Low
0V to 0.8V
Low
Attenuation at max, 31.5dB
High
2.0V to 5.0V


Similar Part No. - RFDA2077

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015PCK-410 RFMD-RFDA2015PCK-410 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015SQ RFMD-RFDA2015SQ Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015SR RFMD-RFDA2015SR Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015TR13 RFMD-RFDA2015TR13 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA2077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
   Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com