Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDZV22B Datasheet(PDF) 1 Page - Rohm

Part # KDZV22B
Description  Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KDZV22B Datasheet(HTML) 1 Page - Rohm

  KDZV22B Datasheet HTML 1Page - Rohm KDZV22B Datasheet HTML 2Page - Rohm KDZV22B Datasheet HTML 3Page - Rohm KDZV22B Datasheet HTML 4Page - Rohm KDZV22B Datasheet HTML 5Page - Rohm KDZV22B Datasheet HTML 6Page - Rohm KDZV22B Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Zener Diode
KDZV series
lApplication
lDimensions (Unit : mm)
lLand size figure (Unit : mm)
Voltage regulation
lFeatures
1) Small power mold type. (PMDU)
2) High ESD tolerance
lStructure
lConstruction
Silicon epitaxial planar
lTaping specifications (Unit : mm)
lAbsolute maximum ratings (T
a = 25°C)
Power dissipation
P
mW
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
Unit
1000
150
-55 to +150
Parameter
Symbol
Limits
PMDU
Anode
Cathode
1.2
4.0±0.1
2.0±0.05
φ 1.55±0.05
1.81±0.1
4.0±0.1
φ 1.0±0.1
0.25±0.05
1.5MAX
1.55  0.05
1.0  0.1
Manufacture Date
ROHM : PMDU
JEDEC : SOD-123
EX. KDZV10B
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.1
    0.05
1/6
2014.10 - Rev.I


Similar Part No. - KDZV22B

ManufacturerPart #DatasheetDescription
logo
Rohm
KDZV22B ROHM-KDZV22B Datasheet
2Mb / 10P
   Zener Diode
KDZV22B ROHM-KDZV22B Datasheet
2Mb / 10P
   Zener Diode
KDZV22B ROHM-KDZV22B Datasheet
2Mb / 10P
   Zener Diode
KDZV22B ROHM-KDZV22B Datasheet
2Mb / 10P
   Zener Diode
KDZV22B ROHM-KDZV22B Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - KDZV22B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com