Electronic Components Datasheet Search |
|
RFDA2026PCK-411 Datasheet(PDF) 1 Page - RF Micro Devices |
|
RFDA2026PCK-411 Datasheet(HTML) 1 Page - RF Micro Devices |
1 / 16 page 1 of 16 Optimum Technology Matching® Applied GaAs HBT InGaP HBT GaAs MESFET SiGe BiCMOS Si BiCMOS SiGe HBT GaAs pHEMT Si CMOS Si BJT GaN HEMT Functional Block Diagram RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade- mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2011, RF Micro Devices, Inc. Product Description 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. Ordering Information BiFET HBT LDMOS RFDA2026 DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL RFMD's RFDA2026 is a digital controlled variable gain amplifier featuring high linearity over the entire gain control range with a noise figure less than 4.1dB in its maximum gain state. The gain of the 6-bit digital step attenuator is programmed with a serial mode control interface (SPI). The RFDA2026 is packaged in a small 6.0mm x 6.0mm leadless laminate MCM, which contains plated through thermal vias for ultra-low thermal resistance. This module is easy to use with no external matching compo- nents required. Features Frequency Range 1400MHz to 2700MHz 6-Bit Digital Step Attenuator SPI Serial Control Programming Max Gain = 32dB at 2GHz, and 29.3dB @ 2.6GHz Gain Control Range = 31.5dB (0.5dB Step Size) High OIP3/P1dB = +42.5/25dBm Single +5V Supply Small 28-Pin, 6.0mm x 6.0mm, MCM Power-up Programming Applications Cellular, 3G Infrastructure WiBro, WiMax, LTE Microwave Radio High-Linearity Power Control DS141020 Package Style: MCM 28-Pin, 6.0mmx6.0mm RFDA2026Dig- ital Controlled Variable Gain Amplifier RFDA2026SQ Sample bag with 25 pieces RFDA2026SR 7” Sample reel with 100 pieces RFDA2026TR13 13” Reel with 2500 pieces RFDA2026PCK-410 1.4GHz to 2.4GHz PCBA with 5-piece sample bag RFDA2026PCK-411 2.4GHz to 2.7GHz PCBA with 5-piece sample bag |
Similar Part No. - RFDA2026PCK-411 |
|
Similar Description - RFDA2026PCK-411 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |