Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA2046PCK-410 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFDA2046PCK-410
Description  Digital Controlled Variable Gain Amplifier 1800MHz to 2800MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2046PCK-410 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFDA2046PCK-410 Datasheet HTML 3Page - RF Micro Devices RFDA2046PCK-410 Datasheet HTML 4Page - RF Micro Devices RFDA2046PCK-410 Datasheet HTML 5Page - RF Micro Devices RFDA2046PCK-410 Datasheet HTML 6Page - RF Micro Devices RFDA2046PCK-410 Datasheet HTML 7Page - RF Micro Devices RFDA2046PCK-410 Datasheet HTML 8Page - RF Micro Devices RFDA2046PCK-410 Datasheet HTML 9Page - RF Micro Devices RFDA2046PCK-410 Datasheet HTML 10Page - RF Micro Devices RFDA2046PCK-410 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 14
RFDA2046
Truth Table
Control Bit
Gain Relative to
Maximum Gain
D5
D4
D3
D2
D1
D0
1
1
1
1
1
1
0dB
1
1
1
1
1
0
-0.5dB
1
1
1
1
0
1
-1dB
1
1
1
0
1
1
-2dB
1
1
0
1
1
1
-4dB
1
0
1
1
1
1
-8dB
0
1
1
1
1
1
-16dB
0
0
0
0
0
0
-31.5dB
SPI Timing Diagram


Similar Part No. - RFDA2046PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015PCK-410 RFMD-RFDA2015PCK-410 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015SQ RFMD-RFDA2015SQ Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015SR RFMD-RFDA2015SR Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015TR13 RFMD-RFDA2015TR13 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA2046PCK-410

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33 MINI-DVGA2-33 Datasheet
602Kb / 9P
   Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com