Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB7.0CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1SMB7.0CA
Description  SILICON TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMB7.0CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1SMB7.0CA Datasheet HTML 1Page - Central Semiconductor Corp 1SMB7.0CA Datasheet HTML 2Page - Central Semiconductor Corp 1SMB7.0CA Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SMB5.0CA
THRU
1SMB170CA
SURFACE MOUNT
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
600 WATTS, 5.0 THRU 170 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1SMB5.0CA
Series types are Surface Mount Bi-Directional Glass
Passivated Junction Transient Voltage Suppressors
designed to protect voltage sensitive components from
high voltage transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For Uni-directional devices, please refer to the
1SMB5.0A Series data sheet.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PPK
600
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
• This series is UL listed, UL file number E130224
Notes: (1) Non-repetitive 10x1,000µs pulse.
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MARKING
CODE
V
MIN
V
MAX
V
mA
µA
V
A
1SMB5.0CA
5.0
6.40
7.25
10
1600
9.2
65.2
CKEC
1SMB6.0CA
6.0
6.67
7.67
10
1600
10.3
58.3
CKGC
1SMB6.5CA
6.5
7.22
8.30
10
1000
11.2
53.6
CKKC
1SMB7.0CA
7.0
7.78
8.95
10
400
12
50
CKMC
1SMB7.5CA
7.5
8.33
9.58
1.0
200
12.9
46.5
CKPC
1SMB8.0CA
8.0
8.89
10.23
1.0
100
13.6
44.1
CKRC
1SMB8.5CA
8.5
9.44
10.82
1.0
20
14.4
41.7
CKTC
1SMB9.0CA
9.0
10
11.5
1.0
10
15.4
39
CKVC
1SMB10CA
10
11.1
12.8
1.0
5.0
17
35.3
CKXC
1SMB11CA
11
12.2
14
1.0
5.0
18.2
33
CKZC
1SMB12CA
12
13.3
15.3
1.0
5.0
19.9
30.2
CLEC
1SMB13CA
13
14.4
16.5
1.0
5.0
21.5
27.9
CLGC
1SMB14CA
14
15.6
17.9
1.0
5.0
23.2
25.8
CLKC
1SMB15CA
15
16.7
19.2
1.0
5.0
24.4
24
CLMC
1SMB16CA
16
17.8
20.5
1.0
5.0
26
23.1
CLPC
1SMB17CA
17
18.9
21.7
1.0
5.0
27.6
21.7
CLRC
1SMB18CA
18
20
23.3
1.0
5.0
29.2
20.5
CLTC
1SMB20CA
20
22.2
25.5
1.0
5.0
32.4
18.5
CLVC
1SMB22CA
22
24.4
28
1.0
5.0
35.5
16.9
CLXC
1SMB24CA
24
26.7
30.7
1.0
5.0
38.9
15.4
CLZC
1SMB26CA
26
28.9
33.2
1.0
5.0
42.1
14.2
CMEC
1SMB28CA
28
31.1
35.8
1.0
5.0
45.4
13.2
CMGC
1SMB30CA
30
33.3
38.3
1.0
5.0
48.4
12.4
CMKC
SMB CASE
R5 (8-September 2011)
www.centr a lsemi.com


Similar Part No. - 1SMB7.0CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB7.0CA CENTRAL-1SMB7.0CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB7.0CA CENTRAL-1SMB7.0CA Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB7.0CA CENTRAL-1SMB7.0CA Datasheet
787Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
logo
SUNMATE electronic Co.,...
1SMB7.0CA SUNMATE-1SMB7.0CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - 1SMB7.0CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB5.0A CENTRAL-1SMB5.0A Datasheet
678Kb / 3P
   SILICON TRANSIENT VOLTAGE SUPPRESSOR
P6SMB6.8A CENTRAL-P6SMB6.8A Datasheet
840Kb / 3P
   SILICON TRANSIENT VOLTAGE SUPPRESSOR
P6SMB6.8CA CENTRAL-P6SMB6.8CA Datasheet
839Kb / 3P
   SILICON TRANSIENT VOLTAGE SUPPRESSOR
CFTVS5V0LC CENTRAL-CFTVS5V0LC Datasheet
875Kb / 4P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CFTVS5V0LC CENTRAL-CFTVS5V0LC Datasheet
982Kb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CTLTVS12 CENTRAL-CTLTVS12 Datasheet
503Kb / 2P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CTLTVS6V2 CENTRAL-CTLTVS6V2 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CMOTVS5V7 CENTRAL-CMOTVS5V7 Datasheet
896Kb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CMOTVS5V7 CENTRAL-CMOTVS5V7 Datasheet
872Kb / 4P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CTLTVS12 CENTRAL-CTLTVS12 Datasheet
424Kb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com