Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2329 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N2329
Description  SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2329 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N2329 Datasheet HTML 1Page - Central Semiconductor Corp 2N2329 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
2N23__
SYMBOL
22
23
24
25
26
27
28
29 UNITS
Peak Repetitive Forward Voltage
VDRM
25
50
100
150
200
250
300
400
V
Peak Repetitive Reverse Voltage
VRRM
25
50
100
150
200
250
300
400
V
Non-Repetitive Peak Reverse Voltage
VRSM
40
75
150
225
300
350
400
500
V
RMS On-State Current
IT(RMS)
1.6
A
Average On-State Current (TC=85°C)
IT(AV)
1.0
A
Peak One Cycle Surge (t=8.3ms)
ITSM
15
A
Peak Gate Power
PGM
0.10
W
Average Gate Power
PG(AV)
0.01
W
Peak Gate Current
IGM
0.10
A
Peak Gate Voltage
VGM
6.0
V
Junction Temperature
TJ
-65 to +125
°C
Storage Temperature
Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1.0kΩ
5.0
μA
IGT
VD=6.0V, RL=100Ω
200
μA
IH
VD=6.0V, RGK=1.0kΩ
2.0
mA
VGT
VD=6.0V, RL=100Ω
0.8
V
VTM
ITM=1.0A, tp=380μs
1.5
V
2N2322 2N2326
2N2323 2N2327
2N2324 2N2328
2N2325 2N2329
SILICON CONTROLLED RECTIFIER
1.6 AMPS, 25 THRU 400 VOLTS
TO-39 CASE
Central
Semiconductor Corp.
TM
R0 (11-December 2008)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N2322
Series types are hermetically sealed Silicon
Controlled Rectifiers designed for sensing
circuit applications and control systems.
MARKING: FULL PART NUMBER


Similar Part No. - 2N2329

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2329 MICROSEMI-2N2329 Datasheet
67Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Seme LAB
2N2329 SEME-LAB-2N2329 Datasheet
11Kb / 1P
   Bipolar NPNP Device in a Hermetically sealed TO39 Metal Package.
logo
Central Semiconductor C...
2N2329 CENTRAL-2N2329 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
New Jersey Semi-Conduct...
2N2329 NJSEMI-2N2329 Datasheet
93Kb / 1P
   SCR, V(DRM) = 400 V TO 499.9 V
logo
Comset Semiconductor
2N2329 COMSET-2N2329 Datasheet
80Kb / 3P
   SILICON THYRISTORS
More results

Similar Description - 2N2329

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com