Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC8.2A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 1.5SMC8.2A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1.5SMC8.2A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  1.5SMC8.2A Datasheet HTML 1Page - Central Semiconductor Corp 1.5SMC8.2A Datasheet HTML 2Page - Central Semiconductor Corp 1.5SMC8.2A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.5SMC6.8A
THRU
1.5SMC220A
SURFACE MOUNT SILICON
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSORS
1500 WATT, 6.8 THRU 220 VOLT
MIN
MAX
MIN
MAX
A
0.030
0.060
0.76
1.52
B
0.002
0.008
0.05
0.20
C
0.305
0.320
7.75
8.13
D
0.006
0.012
0.15
0.31
E
0.079
0.103
2.00
2.62
F
0.260
0.280
6.60
7.11
G
0.108
0.128
2.75
3.25
H
0.220
0.245
5.59
6.22
SMC (REV: R2)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
SMC CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
TYPE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
REVERSE
SURGE
CURRENT
(Note 1)
IRSM
MAXIMUM
REVERSE
VOLTAGE
VRSM @ IRSM
MAXIMUM
TEMPERATURE
COEFFICIENT
ΘVBR
MARKING
CODE
MIN
V
NOM
V
MAX
V
mA
V
μA
AV
% / °C
1.5SMC43A
40.9
43
45.2
1.0
36.8
5
25.3
59.3
0.101
C43A
1.5SMC47A
44.7
47
49.4
1.0
40.2
5
23.2
64.8
0.101
C47A
1.5SMC51A
48.5
51
53.6
1.0
43.6
5
21.4
70.1
0.102
C51A
1.5SMC56A
53.2
56
58.8
1.0
47.8
5
19.5
77
0.103
C56A
1.5SMC62A
58.9
62
65.1
1.0
53.0
5
17.7
85
0.104
C62A
1.5SMC68A
64.6
68
71.4
1.0
58.1
5
16.3
92
0.104
C68A
1.5SMC75A
71.3
75
78.8
1.0
64.1
5
14.6
103
0.105
C75A
1.5SMC82A
77.9
82
86.1
1.0
70.1
5
13.3
113
0.105
C82A
1.5SMC91A
86.5
91
95.5
1.0
77.8
5
12
125
0.106
C91A
1.5SMC100A
95.0
100
105
1.0
85.5
5
11
137
0.106
C100A
1.5SMC110A
104.5
110
115.5
1.0
94.0
5
9.9
152
0.107
C110A
1.5SMC120A
114
120
126
1.0
102
5
9.1
165
0.107
C120A
1.5SMC130A
123.5
130
136.5
1.0
111
5
8.4
179
0.107
C130A
1.5SMC150A
142.5
150
157.5
1.0
128
5
7.2
207
0.108
C150A
1.5SMC160A
152
160
168
1.0
136
5
6.8
219
0.108
C160A
1.5SMC170A
161.5
170
178.5
1.0
145
5
6.4
234
0.108
C170A
1.5SMC180A
171
180
189
1.0
154
5
6.1
246
0.108
C180A
1.5SMC200A
190
200
210
1.0
171
5
5.5
274
0.108
C200A
1.5SMC220A
209
220
231
1.0
185
5
4.6
328
0.108
C220A
www.centr a lsemi.com
R7 (11-September 2013)


Similar Part No. - 1.5SMC8.2A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1.5SMC8.2A SUNMATE-1.5SMC8.2A Datasheet
622Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
1.5SMC8.2A CENTRAL-1.5SMC8.2A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
MDE Semiconductor, Inc.
1.5SMC8.2A MDE-1.5SMC8.2A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1.5SMC8.2A LEIDITECH-1.5SMC8.2A Datasheet
1Mb / 4P
   Transient Voltage Suppressors Diode
logo
Vishay Siliconix
1.5SMC8.2A VISHAY-1.5SMC8.2A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC8.2A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A Datasheet
855Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
3SMC5.0CA CENTRAL-3SMC5.0CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC33A CENTRAL-5SMC33A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
1.5KE6.8 MIC-1.5KE6.8 Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
1SMC5.0A CENTRAL-1SMC5.0A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com