Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMC160CA Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 1SMC160CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMC160CA Datasheet(HTML) 2 Page - Central Semiconductor Corp

  1SMC160CA Datasheet HTML 1Page - Central Semiconductor Corp 1SMC160CA Datasheet HTML 2Page - Central Semiconductor Corp 1SMC160CA Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SMC5.0CA
THRU
1SMC170CA
SURFACE MOUNT SILICON
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSORS
1500 WATT, 5.0 THRU 170 VOLT
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MARKING
CODE
V
MIN
V
MAX
V
mA
μA
V
A
1SMC33CA
33
36.7
42.2
1.0
5.0
53.3
28.1
CBFM
1SMC36CA
36
40
46
1.0
5.0
58.1
25.8
CBFP
1SMC40CA
40
44.4
51.1
1.0
5.0
64.5
23.2
CBFR
1SMC43CA
43
47.8
54.9
1.0
5.0
69.4
21.6
CBFT
1SMC45CA
45
50
57.5
1.0
5.0
72.7
20.6
CBFV
1SMC48CA
48
53.3
61.3
1.0
5.0
77.4
19.4
CBFX
1SMC51CA
51
56.7
65.2
1.0
5.0
82.4
18.2
CBFZ
1SMC54CA
54
60
69
1.0
5.0
87.1
17.2
CBGE
1SMC58CA
58
64.4
74.1
1.0
5.0
93.6
16
CBGG
1SMC60CA
60
66.7
76.7
1.0
5.0
96.8
15.5
CBGK
1SMC64CA
64
71.1
81.8
1.0
5.0
103
14.6
CBGM
1SMC70CA
70
77.8
89.5
1.0
5.0
113
13.3
CBGP
1SMC75CA
75
83.3
95.8
1.0
5.0
121
12.4
CBGR
1SMC78CA
78
86.7
99.7
1.0
5.0
126
11.4
CBGT
1SMC85CA
85
94.4
108.2
1.0
5.0
137
10.4
CBGV
1SMC90CA
90
100
115.5
1.0
5.0
146
10.3
CBGX
1SMC100CA
100
111
128
1.0
5.0
162
9.3
CBGZ
1SMC110CA
110
122
140.5
1.0
5.0
177
8.4
CBHE
1SMC120CA
120
133
153
1.0
5.0
193
7.9
CBHG
1SMC130CA
130
144
165.5
1.0
5.0
209
7.2
CBHK
1SMC150CA
150
167
192.5
1.0
5.0
243
6.2
CBHM
1SMC160CA
160
178
205
1.0
5.0
259
5.8
CBHP
1SMC170CA
170
189
217.5
1.0
5.0
275
5.5
CBHR
MIN
MAX
MIN
MAX
A
0.030
0.060
0.76
1.52
B
0.002
0.008
0.05
0.20
C
0.305
0.320
7.75
8.13
D
0.006
0.012
0.15
0.31
E
0.079
0.103
2.00
2.62
F
0.260
0.280
6.60
7.11
G
0.108
0.128
2.75
3.25
H
0.220
0.245
5.59
6.22
SMC (REV: R2)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
SMC CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R7 (11-September 2013)


Similar Part No. - 1SMC160CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC160CA CENTRAL-1SMC160CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMC160CA CENTRAL-1SMC160CA Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
More results

Similar Description - 1SMC160CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A Datasheet
855Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
3SMC5.0CA CENTRAL-3SMC5.0CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC33A CENTRAL-5SMC33A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
1.5KE6.8 MIC-1.5KE6.8 Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
1SMC5.0A CENTRAL-1SMC5.0A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com