Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ220-8B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CQ220-8B
Description  8.0 AMP TRIAC 200 THRU 800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CQ220-8B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CQ220-8B Datasheet HTML 1Page - Central Semiconductor Corp CQ220-8B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CQ220-8B
CQ220-8D
CQ220-8M
CQ220-8N
8.0 AMP TRIAC
200 THRU 800 VOLTS
TO-220 CASE
Central
Semiconductor Corp.
TM
R2 (24-September 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CQ220-8B
series type is an Epoxy Molded Silicon Triac
designed for full wave AC control applications
featuring gate triggering in all four (4) quadrants.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CQ220
CQ220
CQ220 CQ220
-8B
-8D
-8M
-8N
UNITS
Peak Repetitive Off-State Voltage
VDRM
200
400
600
800
V
RMS On-State Current (TC=90°C)
IT(RMS)
8.0
A
Peak One Cycle Surge (t=8.3ms)
ITSM
50
A
I2t Value for Fusing (t=8.3ms)
I2t10
A2s
Peak Gate Power (tp=10µs)
PGM
40
W
Average Gate Power Dissipation
PG (AV)
1.0
W
Peak Gate Current (tp=10µs)
IGM
4.0
A
Peak Gate Voltage (tp=10µs)
VGM
16
V
Critical Rate of Rise of On-State Current
Repetitive (f=60Hz)
di/dt
10
A/µs
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
60
°C/W
Thermal Resistance
ΘJC
3.2
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM
Rated VDRM
10
µA
IDRM
Rated VDRM, TC=125°C
500
µA
IGT
VD=12V, RL=10Ω, QUAD I, II, III
4.5
20
mA
IGT
VD=12V, RL=10Ω, QUAD IV
17
50
mA
IH
IT=100mA
4.7
25
mA
VGT
VD=12V, RL=10Ω, QUAD I, II, III
0.95
1.50
V
VGT
VD=12V, RL=10Ω, QUAD IV
1.35
2.50
V
VTM
ITM=11A, tp=380µs
1.30
1.75
V
dv/dt
VD=2/3 VDRM, RGK=∞, TC=125°C
5.0
V/µs


Similar Part No. - CQ220-8B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ220-8B CENTRAL-CQ220-8B Datasheet
73Kb / 2P
   8.0 AMP TRIAC
CQ220-8B CENTRAL-CQ220-8B Datasheet
259Kb / 5P
   6.0 AMP TRIAC 200 THRU 800 VOLTS
CQ220-8BW/DCSL CENTRAL-CQ220-8BW/DCSL Datasheet
259Kb / 5P
   6.0 AMP TRIAC 200 THRU 800 VOLTS
More results

Similar Description - CQ220-8B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ220I-8 CENTRAL-CQ220I-8 Datasheet
109Kb / 2P
   ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS
CQDD-8M CENTRAL-CQDD-8M Datasheet
76Kb / 2P
   8.0 AMP TRIAC 600 THRU 800 VOLTS
CQ220-8MFP CENTRAL-CQ220-8MFP Datasheet
79Kb / 2P
   8.0 AMP TRIAC 600 THRU 800 VOLTS
CQ202-4BS CENTRAL-CQ202-4BS Datasheet
426Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS-2 CENTRAL-CQ202-4BS-2 Datasheet
35Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ220-6BS CENTRAL-CQ220-6BS Datasheet
259Kb / 5P
   6.0 AMP TRIAC 200 THRU 800 VOLTS
CQ220-16 CENTRAL-CQ220-16 Datasheet
74Kb / 2P
   16 AMP TRIAC 200 THRU 800 VOLTS
CQ39BS CENTRAL-CQ39BS Datasheet
79Kb / 2P
   TRIAC 4.0 AMP, 200 THRU 800 VOLTS
CQ48-25B CENTRAL-CQ48-25B Datasheet
113Kb / 2P
   25 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4B CENTRAL-CQ202-4B Datasheet
36Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com