Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DKFC5062 Datasheet(PDF) 7 Page - RF Micro Devices

Part # DKFC5062
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

DKFC5062 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button DKFC5062 Datasheet HTML 3Page - RF Micro Devices DKFC5062 Datasheet HTML 4Page - RF Micro Devices DKFC5062 Datasheet HTML 5Page - RF Micro Devices DKFC5062 Datasheet HTML 6Page - RF Micro Devices DKFC5062 Datasheet HTML 7Page - RF Micro Devices DKFC5062 Datasheet HTML 8Page - RF Micro Devices DKFC5062 Datasheet HTML 9Page - RF Micro Devices DKFC5062 Datasheet HTML 10Page - RF Micro Devices DKFC5062 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7 of 25
RFFC5061/62
DS110614
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
about 2pF to 12pF. The PCB stray capacitance and oscillator input and output capacitance will also contribute to the crystal's
total load capacitance.
When the PLL is not in use, it may be desirable to turn off the internal reference circuits, by setting the REFSTBY bit low, to min-
imize current draw while in standby mode. On cold start, or if REFSTBY is programmed low, the reference circuits will need a
warm-up period. A crystal oscillator typically takes many milliseconds to settle. This time is set by the SU_WAIT bits. This will
allow the clock to be stable and immediately available when the ENBL bit is asserted high, allowing the PLL to assume normal
operation. If the current consumption of the reference circuits in standby mode, typically 4mA, is not critical, then the REFSTBY
bit can be set high. This allows the fastest startup and lock time after ENBL is taken high.
Wideband Mixer
The mixers are wideband, double-balanced Gilbert cells. They support RF/IF frequencies from 30MHz up to 6000MHz. Each
mixer has an input port and an output port that can be used for either IF or RF (in other words, for up- or down-conversion). The
mixer current can be programmed to between about 15mA and 45mA depending on linearity requirements. The majority of the
mixer current is sourced through the output pins via either a center-tapped balun or an RF choke in the external matching cir-
cuitry to the supply.
The RF mixer input and output ports are differential and require baluns and simple matching circuits optimized to the specific
application frequencies. A conversion gain of approximately -2dB (not including balun losses) is achieved with 100
 differen-
tial input impedance, and the outputs driving 200
 differential load impedance. Increasing the mixer output load increases
the conversion gain.
The mixer has a broadband common gate input. The input impedance is dominated by the resistance set by the mixer 1/gm
term, which is inversely proportional to the mixer current setting. The resistance will be approximately 85
 at the default mixer
current setting (100). There is also some shunt capacitance at the mixer input, and the inductance of the bond wires (about
0.5nH on each pin) to consider at higher frequencies. The following diagram is a simple model of the mixer input impedance:
The mixer output is high impedance, consisting of approximately 2k
 resistance in parallel with some capacitance, approxi-
mately 1pF dependent on PCB layout. The mixer output does not require a conjugate matching network. It is a constant current
output which will drive a real differential load of between 50Ω and 500Ω, typically 200Ω. Since the mixer output is a constant
current source, a higher resistance load will give higher output voltage and gain. A shunt inductor can be used to resonate with
the mixer output capacitance at the frequency of interest. This inductor may not be required at lower frequencies where the
impedance of the output capacitance is less significant. At higher output frequencies the inductance of the bond wires (about
0.5nH on each pin) becomes more significant. Above about 4500MHz, it is beneficial to lower the output load to 50
 to mini-
mize the effect of the ouput capacitance. The following diagram is a simple model of the mixer output:
The RFFC5061 mixer layout and pin placement has been optimized for high mixer-to-mixer isolation of greater than 60dB. The
mixers can be set up to operate in half duplex mode (1 mixer active) or full duplex mode (both mixers active). This selection is
RFFC506x
Mixer Input
0.5nH
0.5nH
Rin
Typ 85
0.5pF
RFFC506x
Mixer Output
0.5nH
0.5nH
1K
1pF
1K


Similar Part No. - DKFC5062

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
DKFC5071 RFMD-DKFC5071 Datasheet
3Mb / 20P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
DKFC5071A RFMD-DKFC5071A Datasheet
2Mb / 26P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Qorvo, Inc
DKFC5071A QORVO-DKFC5071A Datasheet
3Mb / 27P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
logo
RF Micro Devices
DKFC5072 RFMD-DKFC5072 Datasheet
3Mb / 20P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
DKFC5072A RFMD-DKFC5072A Datasheet
2Mb / 26P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results

Similar Description - DKFC5062

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFC5061 QORVO-RFFC5061 Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5071 QORVO-RFFC5071 Datasheet
3Mb / 26P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
RF Micro Devices
RFFC5071A RFMD-RFFC5071A Datasheet
2Mb / 26P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Qorvo, Inc
RFFC506X QORVO-RFFC506X Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5071A QORVO-RFFC5071A Datasheet
3Mb / 27P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
logo
RF Micro Devices
RFFC5071 RFMD-RFFC5071 Datasheet
3Mb / 20P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
logo
Analog Devices
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
   Wideband Synthesizer with Integrated VCO
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
   Wideband Synthesizer with Integrated VCO
REV. 0
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com