Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1508F-C4 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1508F-C4
Description  SPDT SWITCH GaAs MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1508F-C4 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1508F-C4 Datasheet HTML 3Page - New Japan Radio NJG1508F-C4 Datasheet HTML 4Page - New Japan Radio NJG1508F-C4 Datasheet HTML 5Page - New Japan Radio NJG1508F-C4 Datasheet HTML 6Page - New Japan Radio NJG1508F-C4 Datasheet HTML 7Page - New Japan Radio NJG1508F-C4 Datasheet HTML 8Page - New Japan Radio NJG1508F-C4 Datasheet HTML 9Page - New Japan Radio NJG1508F-C4 Datasheet HTML 10Page - New Japan Radio NJG1508F-C4 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NJG1508F
- 10 -
PCB SIZE=19.4x14.0mm
PCB: FR-4, t=0.5mm
CAPACITOR: size 1005
STRIP LINE WIDTH=1mm
C1~C3: 56pF
C4, C5: 10pF
R1: 510K
nTEST CIRCUIT
nRECOMMENDED PCB DESIGN
Precautions
[1]External capacitors should be connected to the input and output RF terminals (P1,
P2, PC) to block the DC current. The above example is a circuit at 900MHz.Please
select the capacitor value suitable for actual frequency from 10pF to 1000pF.
[2]Decoupling capacitors should be connected to the control terminals (VCTR1, VCTR2) as
close as possible. The values of these capacitors should be selected from 5pF to
100pF range. Please consider that these values are very effective to switching time
(Larger capacitor gives longer switching time).
[3]In order to keep good isolation characteristics, the ground terminal (5pin) should be
connected to the ground pattern with wider width as close as possible, and
through-hole in the ground plane should also be placed as close as possible.
C4
C2
C3
C5
C1
P1
P2
PC
VCTR2
VCTR1
(TOP VIEW)
R1
3
VCTR2 (2.7V/0V)
Zo=50
C2
C3
C4
VCTR1 (0V/2.7V)
NJG1508F
P2
P1
2
4
6
Zo=50
PC
Zo=50
C1
5
1
R1
C5


Similar Part No. - NJG1508F-C4

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C1 NJRC-NJG1505R-C1 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C2 NJRC-NJG1505R-C2 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C3 NJRC-NJG1505R-C3 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1505R-C4 NJRC-NJG1505R-C4 Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
More results

Similar Description - NJG1508F-C4

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1506R NJRC-NJG1506R Datasheet
398Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1509F NJRC-NJG1509F Datasheet
431Kb / 13P
   SPDT SWITCH GaAs MMIC
NJG1522KB2 NJRC-NJG1522KB2 Datasheet
182Kb / 11P
   SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com