Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS39-4N Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS39-4N
Description  SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS39-4N Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS39-4N Datasheet HTML 1Page - Central Semiconductor Corp CS39-4N Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS39-4B
CS39-4D
CS39-4M
CS39-4N
SILICON CONTROLLED RECTIFIER
4 AMP, 200 THRU 800 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS39-4B series
types are hermetically sealed silicon controlled
rectifiers designed for sensing circuit applications and
control systems.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
CS39
CS39
CS39
CS39
SYMBOL
-4B
-4D
-4M
-4N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM 200
400
600
800
V
RMS On-State Current (TC=90°C)
IT(RMS)
4.0
A
Peak One Cycle Surge Current (t=10ms)
ITSM
35
A
I2t Value for Fusing (t=10ms)
I2t
4.5
A2s
Peak Gate Power Dissipation (tp=10μs)
PGM
3.0
W
Average Gate Power Dissipation
PG(AV)
0.2
W
Peak Gate Current (tp=10μs)
IGM
1.2
A
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
180
°C/W
Thermal Resistance
ΘJC
10
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM Rated VDRM, VRRM, RGK=1.0KΩ
5.0
μA
IDRM, IRRM Rated VDRM, VRRM, RGK=1.0KΩ, TC=125°C
200
μA
IGT
VD=12V, RL=10Ω
38
200
μA
IH
IT=50mA, RGK=1.0KΩ
0.25
5.0
mA
VGT
VD=12V, RL=10Ω
0.55
0.8
V
VGD
VD=300V, RGK=1.0KΩ, TC=125°C
0.2
V
VTM
IT=8.0A, tp=380μs
1.6
1.95
V
dv/dt
VD=⅔VDRM, RGK=1.0KΩ, TC=125°C
10
V/μs
TO-39 CASE
R3 (19-September 2012)
www.centr a lsemi.com


Similar Part No. - CS39-4N

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS39-4N CENTRAL-CS39-4N Datasheet
58Kb / 1P
   SCRs
CS39-4N CENTRAL-CS39-4N Datasheet
82Kb / 2P
   SILICON CONTROLLED RECTIFIER 4.0 AMP, 200 THRU 800 VOLTS
More results

Similar Description - CS39-4N

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com