Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1307R-L2 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJG1307R-L2
Description  DRIVER AMPLIFIER GaAs MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1307R-L2 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJG1307R-L2 Datasheet HTML 4Page - New Japan Radio NJG1307R-L2 Datasheet HTML 5Page - New Japan Radio NJG1307R-L2 Datasheet HTML 6Page - New Japan Radio NJG1307R-L2 Datasheet HTML 7Page - New Japan Radio NJG1307R-L2 Datasheet HTML 8Page - New Japan Radio NJG1307R-L2 Datasheet HTML 9Page - New Japan Radio NJG1307R-L2 Datasheet HTML 10Page - New Japan Radio NJG1307R-L2 Datasheet HTML 11Page - New Japan Radio NJG1307R-L2 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NJG1307R
- 8 -
nTYPICAL CHARACTERISTICS 2 (Application 2 PDC1.5GHz)
10
20
30
40
-50
0
50
100
GAIN vs. TEMPERATURE
(V
DD
=3V, V
CONT
=2V, f=1441MHz, P
in
=-25dBm)
Ambient Temperature (
oC )
0
10
20
30
-50
0
50
100
I
DD
vs. TEMPERATURE
(V
DD
=3V, V
CONT
=2V, f=1441MHz, P
out
=+8dBm)
Ambient Temperature (
oC )
0
5
10
15
20
-50
0
50
100
P
-1dB
, P
sat
vs. TEMPERATURE
(V
DD
=3V, V
CONT
=2V, f=1441MHz, P
sat
:P
in
=0dBm)
Ambient Temperature (
oC )
P
sat
P
-1dB
-80
-70
-60
-50
-40
-50
0
50
100
ACP vs. TEMPERATURE
(V
DD
=3V, V
CONT
=2V, f=1441MHz, offset=50kHz, P
out
=+8dBm)
Ambient Temperature (
oC )


Similar Part No. - NJG1307R-L2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1301V NJRC-NJG1301V Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C1 NJRC-NJG1301V-C1 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C2 NJRC-NJG1301V-C2 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C3 NJRC-NJG1301V-C3 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C4 NJRC-NJG1301V-C4 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1307R-L2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1308F NJRC-NJG1308F Datasheet
1Mb / 12P
   DRIVER-AMPLIFIER GaAs MMIC
logo
Analog Devices
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635 AD-HMC635 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC633 AD-HMC633 Datasheet
315Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC-AUH256 AD-HMC-AUH256 Datasheet
420Kb / 6P
   GaAs HEMT MMIC DRIVER AMPLIFIER
HMC634LC4 AD-HMC634LC4 Datasheet
423Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC465 AD-HMC465 Datasheet
452Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com