Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR6100CTLQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR6100CTLQ
Description  SUPER BARRIER RECTIFIER 6A SBR짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR6100CTLQ Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR6100CTLQ_15 Datasheet HTML 1Page - Diodes Incorporated SBR6100CTLQ_15 Datasheet HTML 2Page - Diodes Incorporated SBR6100CTLQ_15 Datasheet HTML 3Page - Diodes Incorporated SBR6100CTLQ_15 Datasheet HTML 4Page - Diodes Incorporated SBR6100CTLQ_15 Datasheet HTML 5Page - Diodes Incorporated SBR6100CTLQ_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR6100CTLQ
Document number: DS36091 Rev. 1 – 2
3 of 6
www.diodes.com
October 2012
© Diodes Incorporated
SBR6100CTLQ
Figure 1 Forward Power Dissipation
0
1
2
3
4
5
6
7
01
2
3
4
5
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0.001
0.01
0.1
1
10
100
0
200
400
600
800
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 2 Typical Forward Characteristics
T = 150°C
J
T = 125°C
J
TJ = 25°C
0.01
0.1
1
10
100
1,000
10,000
0
204060
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
0
10
20 30 4050
60 7080 90 100
Figure 4 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
10
100
1,000
10,000
f = 1MHz
Figure 5 Forward Current Derating Curve
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
5.5
6.0
R
= R
Total Device
θθ
JA
JC
RθJA = 49°C/W
(Note 3)
R
= R
Per Element
θθ
JA
JC
Figure 6 Operating Temperature Derating
0
25
50
75
100
125
150
0
10
20
30 405060
70 8090 100
V , DC REVERSE VOLTAGE (V)
R


Similar Part No. - SBR6100CTLQ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR6100CTLQ-13 DIODES-SBR6100CTLQ-13 Datasheet
514Kb / 6P
   6A SBR SUPER BARRIER RECTIFIER
August 2019
More results

Similar Description - SBR6100CTLQ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR660CTLQ DIODES-SBR660CTLQ_15 Datasheet
239Kb / 5P
   SUPER BARRIER RECTIFIER 6A SBR짰
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR130SV DIODES-SBR130SV_15 Datasheet
195Kb / 4P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com