Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US3M Datasheet(PDF) 4 Page - Diodes Incorporated

Part # US3M
Description  3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US3M Datasheet(HTML) 4 Page - Diodes Incorporated

  US3M_15 Datasheet HTML 1Page - Diodes Incorporated US3M_15 Datasheet HTML 2Page - Diodes Incorporated US3M_15 Datasheet HTML 3Page - Diodes Incorporated US3M_15 Datasheet HTML 4Page - Diodes Incorporated US3M_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US3M
Document number: DS37228 Rev. 5 - 2
4 of 5
www.diodes.com
April 2015
© Diodes Incorporated
US3M
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
Dimensions Value (in mm)
C
6.90
G
4.40
X
2.50
X1
9.40
Y
3.30
A
B
C
D
G
H
E
J
X1
Y
C
G
X


Similar Part No. - US3M_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US3M-2C3A-2CDO-214AA DGNJDZ-US3M-2C3A-2CDO-214AA Datasheet
154Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
US3M-2C3A-2CDO-214AB DGNJDZ-US3M-2C3A-2CDO-214AB Datasheet
106Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Frontier Electronics.
US3M-LFR FRONTIER-US3M-LFR Datasheet
130Kb / 2P
   3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
SUNMATE electronic Co.,...
US3MA SUNMATE-US3MA Datasheet
395Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
SAMYANG ELECTRONICS CO....
US3MA SAMYANG-US3MA Datasheet
1Mb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - US3M_15

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
US3ABF GXELECTRONICS-US3ABF Datasheet
481Kb / 2P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Won-Top Electronics
UF3A WTE-UF3A Datasheet
50Kb / 3P
   3.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
SUNMATE electronic Co.,...
US3A SUNMATE-US3A Datasheet
330Kb / 2P
   3.0A Surface Mount Ultra-Fast Rectifier
logo
Gaomi Xinghe Electronic...
US3AF GXELECTRONICS-US3AF Datasheet
442Kb / 2P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
RS3AB DIODES-RS3AB_15 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com