Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZDT6790TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZDT6790TA
Description  COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTOR IN SM-8 PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZDT6790TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZDT6790TA Datasheet HTML 1Page - Diodes Incorporated ZDT6790TA Datasheet HTML 2Page - Diodes Incorporated ZDT6790TA Datasheet HTML 3Page - Diodes Incorporated ZDT6790TA Datasheet HTML 4Page - Diodes Incorporated ZDT6790TA Datasheet HTML 5Page - Diodes Incorporated ZDT6790TA Datasheet HTML 6Page - Diodes Incorporated ZDT6790TA Datasheet HTML 7Page - Diodes Incorporated ZDT6790TA Datasheet HTML 8Page - Diodes Incorporated ZDT6790TA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ZDT6790
Document number: DS33210 Rev. 2 - 2
1 of 9
www.diodes.com
July 2012
© Diodes Incorporated
ZDT6790
A Product Line of
Diodes Incorporated
COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTOR IN SM-8 PACKAGE
Features
NPN Transistor
BVCEO > 45
VCE(sat) < 100mV @ IC= 100mA
Continuous Current IC = 2A
PNP Transistor
BVCEO > -40V
VCE(sat) < 250mV @ IC= -500mA
Continuous Current IC = -2A
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SM-8 (8 LEAD SOT223)
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish
Weight: 0.117 grams (approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZDT6790TA
T6790
7
12
1,000
ZDT6790TC
T6790
13
12
4,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com
Marking Information
Equivalent Circuit
Top View
Pin Out
Top View
SM-8
Green
T6790 = Product Type Marking Code
T6790


Similar Part No. - ZDT6790TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZDT6790TA DIODES-ZDT6790TA Datasheet
150Kb / 9P
   COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTOR IN SM-8 PACKAGE
More results

Similar Description - ZDT6790TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZDT6790TA DIODES-ZDT6790TA Datasheet
150Kb / 9P
   COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTOR IN SM-8 PACKAGE
ZDT6790 DIODES-ZDT6790 Datasheet
40Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT6718 DIODES-ZDT6718 Datasheet
40Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT6718 DIODES-ZDT6718_15 Datasheet
40Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT6753 DIODES-ZDT6753_15 Datasheet
990Kb / 9P
   100V COMPLEMENTARY MEDIUM POWER TRANSISTOR IN SM-8
ZDT6753 DIODES-ZDT6753 Datasheet
42Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER
ZDT694 DIODES-ZDT694_15 Datasheet
356Kb / 7P
   120V DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SM-8
ZDT1053 DIODES-ZDT1053_15 Datasheet
577Kb / 7P
   75V DUAL NPN HIGH GAIN MEDIUM POWER TRANSISTOR IN SM-8
ZDT6757TA DIODES-ZDT6757TA Datasheet
34Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER TRANSISTORS
ZDT6757TA DIODES-ZDT6757TA Datasheet
34Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com