Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHCS400 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZHCS400
Description  40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS400 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZHCS400_15 Datasheet HTML 1Page - Diodes Incorporated ZHCS400_15 Datasheet HTML 2Page - Diodes Incorporated ZHCS400_15 Datasheet HTML 3Page - Diodes Incorporated ZHCS400_15 Datasheet HTML 4Page - Diodes Incorporated ZHCS400_15 Datasheet HTML 5Page - Diodes Incorporated ZHCS400_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZHCS400
Document number: DS33215 Rev. 8 - 2
4 of 6
www.diodes.com
March 2012
© Diodes Incorporated
ZHCS400


Similar Part No. - ZHCS400_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZHCS400Q DIODES-ZHCS400Q Datasheet
387Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400QTA DIODES-ZHCS400QTA Datasheet
431Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400QTA DIODES-ZHCS400QTA Datasheet
387Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400QTC DIODES-ZHCS400QTC Datasheet
387Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400TA DIODES-ZHCS400TA Datasheet
165Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - ZHCS400_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZHCS350Q DIODES-ZHCS350Q Datasheet
348Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
May 2020 Rev. 3 - 2
ZHCS400Q DIODES-ZHCS400Q Datasheet
387Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZLLS400Q DIODES-ZLLS400Q Datasheet
512Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400TA DIODES-ZHCS400TA Datasheet
165Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400QTA DIODES-ZHCS400QTA Datasheet
431Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS350 DIODES-ZHCS350_15 Datasheet
144Kb / 5P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS2000 DIODES-ZHCS2000_15 Datasheet
488Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
G401SD GTM-G401SD Datasheet
198Kb / 2P
   SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
G420SD GTM-G420SD Datasheet
239Kb / 2P
   SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G490SD GTM-G490SD Datasheet
206Kb / 2P
   SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 1A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com