Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4602 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # F4602
Description  RF bandpass filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4602 Datasheet(HTML) 1 Page - Integrated Technology Future

  F4602 Datasheet HTML 1Page - Integrated Technology Future F4602 Datasheet HTML 2Page - Integrated Technology Future F4602 Datasheet HTML 3Page - Integrated Technology Future F4602 Datasheet HTML 4Page - Integrated Technology Future F4602 Datasheet HTML 5Page - Integrated Technology Future F4602 Datasheet HTML 6Page - Integrated Technology Future F4602 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SAW Bandpass Filter F4602
Part No.
F4602
Rev. Date
2012-09-12
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NSNI01-AS01
1/7
3.80± 0.15
1.40± 0.15
1.27± 0.10
1.00± 0.15
1.50± 0.10
0.60± 0.10
1.00± 0.10
1
2
3
7
6
5
1
2
3
6
5
4
7
8
4
8
Features
RF bandpass filter
High attenuation
No matching 50
Ω single-ended operation
Ceramic Surface Mounted Device (SMD) Package
RoHS Compliant
Package Dimensions
Dimensions shown are nominal in millimeters
Body : Al2O3 Ceramic
Lid : Kovar, Ni Plated
Terminations : Au plating 0.3 ~ 1.0 um, Over a 1.27 ~ 8.89 um
Ni Plating
Maximum Ratings
Parameter
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
25
60
Storage Temperature Range
°C
-40
25
85
Power Handling Capability
dBm
-
-
10
Electrostatics Sensitive Device (ESD)
Pin Configurations
2
Input
6
Output
1, 3, 4, 5, 7, 8
Case ground
ITF
4602


Similar Part No. - F4602

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4600 FOX-F4600 Datasheet
209Kb / 2P
   LV-PECL 7x5mm 3.3V OSCILLATOR
F4600R FOX-F4600R Datasheet
209Kb / 2P
   LV-PECL 7x5mm 3.3V OSCILLATOR
F4600RU FOX-F4600RU Datasheet
575Kb / 2P
   LV-PECL 3.3V Oscillator
F4600U FOX-F4600U Datasheet
575Kb / 2P
   LV-PECL 3.3V Oscillator
F4605 FOX-F4605 Datasheet
209Kb / 2P
   LV-PECL 7x5mm 3.3V OSCILLATOR
More results

Similar Description - F4602

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F4472 ITF-F4472 Datasheet
168Kb / 7P
   RF bandpass filter
F2G54 ITF-F2G54 Datasheet
165Kb / 7P
   RF Bandpass Filter
F2G64 ITF-F2G64 Datasheet
165Kb / 7P
   RF Bandpass Filter
F9307 ITF-F9307 Datasheet
267Kb / 7P
   RF bandpass filter
logo
TEMEX
TMXAT15 TEMEX-TMXAT15 Datasheet
310Kb / 5P
   SAW Bandpass Filter - Broadcast - RF
TMXW356 TEMEX-TMXW356 Datasheet
285Kb / 5P
   SAW Bandpass Filter - LMR - RF
TMXW357 TEMEX-TMXW357 Datasheet
374Kb / 5P
   SAW Bandpass Filter - LMR - RF
TMXW347 TEMEX-TMXW347 Datasheet
271Kb / 5P
   SAW Bandpass Filter - GPS - RF
TMXW353 TEMEX-TMXW353 Datasheet
289Kb / 5P
   SAW Bandpass Filter - Bluetooth - RF
TMXW312 TEMEX-TMXW312 Datasheet
349Kb / 5P
   SAW Bandpass Filter -GPS - RF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com