Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4200SQ Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM4200SQ
Description  3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4200SQ Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM4200SQ Datasheet HTML 1Page - RF Micro Devices RFFM4200SQ Datasheet HTML 2Page - RF Micro Devices RFFM4200SQ Datasheet HTML 3Page - RF Micro Devices RFFM4200SQ Datasheet HTML 4Page - RF Micro Devices RFFM4200SQ Datasheet HTML 5Page - RF Micro Devices RFFM4200SQ Datasheet HTML 6Page - RF Micro Devices RFFM4200SQ Datasheet HTML 7Page - RF Micro Devices RFFM4200SQ Datasheet HTML 8Page - RF Micro Devices RFFM4200SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 of 15
RFFM4200
DS121008
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin
Function
Description
1GND
Ground connection.
2GND
Ground connection.
3
VCC3
This pin is connected internally to the collector of the 3rd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
4
VCC2
This pin is connected internally to the collector of the 3rd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
5GND
Ground connection.
6
VCC1
This pin is connected internally to the collector of the 3rd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
7VBIAS
Supply voltage for the bias reference and control circuits.
8GND
Ground connection.
9GND
Ground connection.
10
TXIN
RF input is internally matched to 50
 and DC blocked.
11
GND
Ground connection.
12
PDOWN
Power down pin. Apply <0.6VDC to power down the three power amplifier stages. Apply 1.75VDC to
5.0VDC to power up. If function is not desired, Pin may be connected to VREG.
13
VREG1
First stage bias voltage. This Pin requires regulated supply for best performance.
14
VREG2
Second stage bias voltage. This Pin requires regulated supply for best performance.
15
VREG3
Third stage bias voltage. This Pin requires regulated supply for best performance.
16
PDET
Power detector provides an output voltage proportional to the RF output power level.
17
GND
Ground connection.
18
RX
RF Output is internally matched to 50
 and DC blocked.
19
VRX
Switch control for RX mode.
20
GND
Ground connection.
21
ANT
RF Output is internally matched to 50
 and DC blocked.
22
GND
Ground connection.
23
GND
Ground connection.
24
VTX
Switch control for TX mode.
PkG Base
GND
Ground connection. The back side of the package should be connected to the ground plane through as
short a connection as possible, e.g., PCB vias under the device are recommended.


Similar Part No. - RFFM4200SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201PCK-410 RFMD-RFFM4201PCK-410 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201SB RFMD-RFFM4201SB Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201SQ RFMD-RFFM4201SQ Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201SR RFMD-RFFM4201SR Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results

Similar Description - RFFM4200SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
   5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com