Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFD04621 Datasheet(PDF) 3 Page - Integrated Technology Future

Part # IFD04621
Description  Ceramic bandpass filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IFD04621 Datasheet(HTML) 3 Page - Integrated Technology Future

  IFD04621 Datasheet HTML 1Page - Integrated Technology Future IFD04621 Datasheet HTML 2Page - Integrated Technology Future IFD04621 Datasheet HTML 3Page - Integrated Technology Future IFD04621 Datasheet HTML 4Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ceramic Bandpass Filter IFD04621
Part No.
IFD04621
Rev. Date
2014-08-28
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS 01
3/4
Input
50Ω
Output
50Ω
Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
Marking Configuration
Part Number
1)
1) Part Number
* Ink or Laser Marking available


Similar Part No. - IFD04621

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IFD03858 ITF-IFD03858 Datasheet
198Kb / 4P
   Ceramic bandpass filter
IFD06003 ITF-IFD06003 Datasheet
179Kb / 4P
   Ceramic bandpass filter
IFD08332 ITF-IFD08332 Datasheet
125Kb / 4P
   Ceramic bandpass filter
IFD08354 ITF-IFD08354 Datasheet
107Kb / 3P
   Ceramic bandpass filter
IFD08356 ITF-IFD08356 Datasheet
144Kb / 4P
   Ceramic bandpass filter
More results

Similar Description - IFD04621

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IFD19750 ITF-IFD19750 Datasheet
122Kb / 3P
   Ceramic bandpass filter
IFD27905 ITF-IFD27905 Datasheet
169Kb / 4P
   Ceramic bandpass filter
IFD34631 ITF-IFD34631 Datasheet
163Kb / 4P
   Ceramic bandpass filter
IFD16504 ITF-IFD16504 Datasheet
118Kb / 3P
   Ceramic bandpass filter
IFD17734 ITF-IFD17734 Datasheet
132Kb / 4P
   Ceramic bandpass filter
IFD17928 ITF-IFD17928 Datasheet
153Kb / 4P
   Ceramic bandpass filter
IFD18353 ITF-IFD18353 Datasheet
278Kb / 4P
   Ceramic bandpass filter
IFD21148 ITF-IFD21148 Datasheet
124Kb / 3P
   Ceramic bandpass filter
IFD35001 ITF-IFD35001 Datasheet
159Kb / 4P
   Ceramic bandpass filter
IFD18806 ITF-IFD18806 Datasheet
133Kb / 4P
   Ceramic bandpass filter
IFD08332 ITF-IFD08332 Datasheet
125Kb / 4P
   Ceramic bandpass filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com