Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1515AVB2-C3 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1515AVB2-C3
Description  TDMA ANTENNA SWITCH GaAs MMIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-C3 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1515AVB2-C3 Datasheet HTML 1Page - New Japan Radio NJG1515AVB2-C3 Datasheet HTML 2Page - New Japan Radio NJG1515AVB2-C3 Datasheet HTML 3Page - New Japan Radio NJG1515AVB2-C3 Datasheet HTML 4Page - New Japan Radio NJG1515AVB2-C3 Datasheet HTML 5Page - New Japan Radio NJG1515AVB2-C3 Datasheet HTML 6Page - New Japan Radio NJG1515AVB2-C3 Datasheet HTML 7Page - New Japan Radio NJG1515AVB2-C3 Datasheet HTML 8Page - New Japan Radio NJG1515AVB2-C3 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NJG1515AVB2
- 5 -
nELECTRICAL CHARACTERISTICS 4 [1.5GHz Tx Mode]
Common Condition:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency range 3
fin3
1429
-
1453
MHz
TX-ANT1
Insertion Loss
LOSS7
Pin=30dBm
-
0.55
0.70
dB
TX-EXT1
Insertion Loss
LOSS8
Pin=30dBm
-
0.65
0.80
dB
TX-RX Isolation
ISL10
Pin=30dBm
TX-ANT1, TX-EXT1 passing
28
33
-
dB
TX-ANT1 Isolation
ISL11
Pin=30dBm
TX-EXT1 passing
30
35
-
dB
TX-ANT2 Isolation
ISL12
Pin=30dBm
TX-ANT1, TX-EXT1 passing
30
35
-
dB
TX-EXT1 Isolation
ISL13
Pin=30dBm
TX-ANT1 passing
20
24
-
dB
TX-EXT2 Isolation
ISL14
Pin=30dBm
TX-ANT1, TX-EXT1 passing
35
40
-
dB
Pin at 0.5dB
compression point 2
P-0.5dB (2) TX-ANT1, TX-EXT1 passing
33.5
35.5
-
dBm
Adjacent channel
leakage power5
ACP3
PDC Standard,
±50KHz offset
Pin=30dBm, Input Signal
ACP=-67dBc @ 30dBm
-
-64
-60
dBc
Adjacent channel
leakage power 7
ACP4
PDC Standard,
±100kHz offset
Pin=30dBm, Input Signal
ACP=-76dBc @ 30dBm
-
-75
-70
dBc
2nd Harmonics 2
2f0(2)
Input Signal 2nd Harmonics
=-68dBc, Pin=30dBm
-
-62
-60
dBc
3rd Harmonics 2
3f0(2)
Input Signal 2nd Harmonics
=-69dBc, Pin=30dBm
-
-62
-60
dBc
VSWR3
VSWR3
TX-ANT1, TX-EXT1 passing
-
1.4
1.6
Switching time3
TD3
CTL1~3
-
120
500
nsec
f=1453MHz, Ta=25°C, VDD=3.5V, VSS=-2.5V
Tested on PCB circuit as shown below
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1 and EXT2 are terminated to 50
Ω.
TER1 and TER2 are connected to GND through 5pFcapacitor.


Similar Part No. - NJG1515AVB2-C3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1516KC3 NJRC-NJG1516KC3 Datasheet
636Kb / 25P
   SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
More results

Similar Description - NJG1515AVB2-C3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1672LK4 NJRC-NJG1672LK4 Datasheet
247Kb / 16P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1673LG3 NJRC-NJG1673LG3 Datasheet
268Kb / 11P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1544HC3 NJRC-NJG1544HC3 Datasheet
164Kb / 8P
   2x2 Antenna SWITCH GaAs MMIC
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1658K34 NJRC-NJG1658K34 Datasheet
79Kb / 2P
   DP7T ANTENNA SWITCH GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com